Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8032
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology LTM8032 Datasheet HTML 10Page - Linear Technology LTM8032 Datasheet HTML 11Page - Linear Technology LTM8032 Datasheet HTML 12Page - Linear Technology LTM8032 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM8063
9
8063fa
For more information www.linear.com/LTM8063
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Derating, VOUT = 12V,
DC2494A Demo Board
Derating, VOUT = 15V,
DC2494A Demo Board
Derating, VOUT = –3.3V,
DC2494A Demo Board
Derating, VOUT = –5V,
DC2494A Demo Board
Derating, VOUT = –8V,
DC2494A Demo Board
Derating, VOUT = –12V,
DC2494A Demo Board
Dropout Voltage vs Load Current
VOUT = 5V
Derating, VOUT = –15V,
DC2494A Demo Board
CISPR22 Class B Emissions
DC2494A Demo Board, VOUT = 5V,
C9 = 0.1µF, No EMI Filter, 1A Load
0 LFM
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
AMBIENT TEMPERATURE (°C)
8063 G51
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
200
400
600
800
8063 G54
0 LFM
0
25
50
75
100
125
0
0.5
1.0
1.5
AMBIENT TEMPERATURE (°C)
8063 G46
24VIN
36VIN
0 LFM
C)
0
25
50
75
100
125
0
0.5
1.0
1.5
8063 G47
AMBIENT TEMPERATURE (°C)
24VIN
36VIN
0 LFM
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
AMBIENT TEMPERATURE (°C)
8063 G48
12VIN
24VIN
36VIN
0 LFM
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
8063 G49
AMBIENT TEMPERATURE (°C)
12VIN
24VIN
0 LFM
C)
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.5
1.0
1.5
8063 G50
12VIN
24VIN
0 LFM
C)
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
AMBIENT TEMPERATURE (°C)
8063 G52
12VIN
24VIN
HORIZONTAL
VERTICAL
FREQUENCY (MHz)
0
200
400
600
800
1000
–5
5
15
25
35
45
55
8063 G53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com