Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8032
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8032 Datasheet HTML 13Page - Linear Technology LTM8032 Datasheet HTML 14Page - Linear Technology LTM8032 Datasheet HTML 15Page - Linear Technology LTM8032 Datasheet HTML 16Page - Linear Technology LTM8032 Datasheet HTML 17Page - Linear Technology LTM8032 Datasheet HTML 18Page - Linear Technology LTM8032 Datasheet HTML 19Page - Linear Technology LTM8032 Datasheet HTML 20Page - Linear Technology LTM8032 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM8063
17
8063fa
For more information www.linear.com/LTM8063
APPLICATIONS INFORMATION
Figure 2.
FAST LOAD
TRANSIENT
OUTPUT TRANSIENT
RESPONSE
LTM8063
VOUT
VIN
8063 F02
GND
VIN
Any Output Voltage Transient Appears on LTM8063 GND
The CIN and COUT capacitors in Figure 3 form an AC divider
at the negative output voltage node. If VIN is hot-plugged
or rises quickly, the resultant VOUT will be a positive tran-
sient, which may be unhealthy for the application load.
An anti-parallel Schottky diode may be able to prevent
this positive transient from damaging the load. The loca-
tion of this Schottky diode is important. For example, in
a system where the LTM8063 is far away from the load,
placing the Schottky diode closest to the most sensitive
load component may be the best design choice. Carefully
evaluate whether the negative buck configuration is suit-
able for the application.
Figure 3.
FAST VIN
TRANSIENT
OUTPUT EXPERIENCES
A POSITIVE TRANSIENT
LTM8063
VOUT
VIN
8063 F03
GND
COUT
CIN
OPTIONAL
SCHOTTKY
DIODE
AC DIVIDER
VIN
A Schottky Diode Can Limit the Transient Caused by
a Fast Rising VIN to Safe Levels
Shorted Input Protection
Care needs to be taken in systems where the output is held
high when the input to the LTM8063 is absent. This may
occur in battery charging applications or in battery backup
systems where a battery or some other supply is diode
ORed with the LTM8063’s output. If the VIN pin is allowed
tofloatandtheRUNpinisheldhigh(eitherbyalogicsignal
or because it is tied to VIN), then the LTM8063’s internal
circuitry pulls its quiescent current through its internal
power switch. This is fine if your system can tolerate a
few milliamps in this state. If you ground the RUN pin, the
internal current drops to essentially zero. However, if the
VIN pin is grounded while the output is held high, parasitic
diodes inside the LTM8063 can pull large currents from
the output through the VIN pin. Figure 4 shows a circuit
that runs only when the input voltage is present and that
protects against a shorted or reversed input.
Figure 4.
LTM8063
VIN
VIN
8063 F04
RUN
The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also
Protects the Circuit from a Reversed Input. The LTM8063
Runs Only When the Input Is Present
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8063. The LTM8063 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 5
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place CFF, RFB and RT as close as possible to their
respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8063.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8063.
4. PlacetheCINandCOUTcapacitorssuchthattheirground
currents flow directly adjacent to or underneath the
LTM8063.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com