Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8068
7
8068fb
For more information www.linear.com/LTM8068
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
Derating, 5VOUT2
Derating, 15VOUT2
Derating, 8VOUT2
Derating, 18VOUT2
Derating, 12VOUT2
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G28
VIN = 5V
VIN = 12V, 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
400
8068 G29
VIN = 5V
VIN = 12V
VIN = 24V, 36V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
100
200
300
8068 G30
VIN = 5V
VIN = 12V
VIN = 24V, 32V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
50
100
150
200
250
8068 G31
VIN = 5V
VIN = 12V
VIN = 24V
0LFM AIRFLOW
AMBIENT TEMPERATURE (°C)
25
50
75
100
125
0
50
100
150
200
8068 G32
VIN = 5V
VIN = 12V
VIN = 24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com