Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology LTM8045 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8068
8
8068fb
For more information www.linear.com/LTM8068
PIN FUNCTIONS
VOUT1 (Bank 1): VOUT1 and VOUTN comprise the isolated
output of the LTM8068 flyback stage. Apply an external
capacitor between VOUT1 and VOUTN. Do not allow VOUTN
to exceed VOUT1.
VOUTN (Bank 2): VOUTN is the return for both VOUT1 and
VOUT2. VOUT1 and VOUTN comprise the isolated output of
the LTM8068. In most applications, the bulk of the heat
flow out of the LTM8068 is through the GND and VOUTN
pads, so the printed circuit design has a large impact on
the thermal performance of the part. See the PCB Layout
and Thermal Considerations sections for more details.
Apply an external capacitor between VOUT1 and VOUTN.
VOUT2 (Bank 3): The output of the secondary side linear
post regulator. Apply the load and output capacitor between
VOUT2 and VOUTN. See the Applications Information sec-
tion for more information on output capacitance and
reverse output characteristics.
GND (Bank 4): This is the local ground of the LTM8068
primary. In most applications, the bulk of the heat flow
out of the LTM8068 is through the GND and VOUTN pads,
so the printed circuit design has a large impact on the
thermal performance of the part. See the PCB Layout and
Thermal Considerations sections for more details.
VIN (Bank 5): VIN supplies current to the LTM8068’s inter-
nal regulator and to the integrated power switch. These
pins must be locally bypassed with an external, low ESR
capacitor.
FB2 (Pin A2): This is the input to the error amplifier of the
secondary side LDO post regulator. This pin is internally
clamped to ±7V. The FB2 pin voltage is 1.22V referenced
to VOUTN and the output voltage range is 1.22V to 12V.
Apply a resistor from this pin to VOUTN, using the equation
RFB2 = 608.78/(VOUT2 – 1.22)kΩ. If the post regulator is
not used, leave this pin floating.
BYP (Pin B2): The BYP pin is used to bypass the refer-
ence of the LDO to achieve low noise performance from
the linear post regulator. The BYP pin is clamped internally
to ±0.6V relative to VOUTN. A small capacitor from VOUT2
to this pin will bypass the reference to lower the output
voltage noise. A maximum value of 0.01µF can be used
for reducing output voltage noise to a typical 20µVRMS
over a 100Hz to 100kHz bandwidth. If not used, this pin
must be left unconnected.
RUN (Pin F3): A resistive divider connected to VIN and this
pin programs the minimum voltage at which the LTM8068
will operate. Below 1.24V, the LTM8068 does not deliver
power to the secondary. When RUN is less than 1.24V,
the pin draws 2.5µA, allowing for a programmable hys-
teresis. Do not allow a negative voltage (relative to GND)
on this pin.
FB1 (Pin G7): Apply a resistor from this pin to GND to
set the output voltage VOUT1 relative to VOUTN, using the
recommended value given in Table 1. If Table 1 does not
list the desired VOUT1 value, the equation
RFB1=37.415 VOUT1–0.955
(
)kΩ
may be used to approximate the value. To the seasoned
designer, this exponential equation may seem unusual.
The equation is exponential due to nonlinear current
sources that are used to temperature compensate the
regulation. Do not drive this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com