Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8301 Datasheet HTML 7Page - Linear Technology LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology LT8301 Datasheet HTML 10Page - Linear Technology LT8301 Datasheet HTML 11Page - Linear Technology LT8301 Datasheet HTML 12Page - Linear Technology LT8301 Datasheet HTML 13Page - Linear Technology LT8301 Datasheet HTML 14Page - Linear Technology LT8301 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8068
11
8068fb
For more information www.linear.com/LTM8068
APPLICATIONS INFORMATION
For most applications, the design process is straight for-
ward, summarized as follows:
1. Look at Table 1a (or Table 1b, if the post linear regula-
tor is used) and find the row that has the desired input
range and output voltage.
2. Apply the recommended CIN, COUT1, COUT2, RFB1 and
RFB2 as required.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that
the maximum output current may be limited by junc-
tion temperature, the relationship between the input and
output voltage magnitude and polarity and other factors.
Please refer to the graphs in the Typical Performance
Characteristics section for guidance.
Capacitor Selection Considerations
The CIN, COUT1 and COUT2 capacitor values in Table 1 are
the minimum recommended values for the associated
operating conditions. Applying capacitor values below
those indicated in Table 1 is not recommended, and may
result in undesirable operation. Using larger values is
generally acceptable, and can yield improved dynamic
response, if it is necessary. Again, it is incumbent upon
the user to verify proper operation over the intended sys-
tem’s line, load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable. X5R
and X7R types are stable over temperature and applied
voltage and give dependable service. Other types, includ-
ing Y5V and Z5U have very large temperature and voltage
coefficients of capacitance. In an application circuit they
may have only a small fraction of their nominal capaci-
tance resulting in much higher output voltage ripple than
expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8068. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit.
If the LTM8068 circuit is plugged into a live supply, the
input voltage can ring to much higher than its nominal
value, possibly exceeding the device’s rating. This situa-
tion is easily avoided; see the Hot-Plugging Safely section.
LTM8068 Table 1a. Recommended Component Values and Configuration for Specific VOUT1 Voltages (TA = 25°C)
VIN
VOUT1
CIN
COUT1
RFB1
2.8V to 40V
2.5V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
15.4k
2.8V to 40V
3.3V
2.2µF, 50V, 1206
47µF, 6.3V, 1210
11.8k
2.8V to 40V
5V
2.2µF, 50V, 1206
22µF, 16V, 1210
8.25k
2.8V to 37V
8V
2.2µF, 50V, 1206
22µF, 16V, 1210
5.23k
2.8V to 33V
12V
4.7µF, 50V, 1206
10µF, 50V, 1210
3.48k
2.8V to 30V
15V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
2.8k
2.8V to 27V
18V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
2.37k
Note: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com