Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8301
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8301 Datasheet HTML 8Page - Linear Technology LT8301 Datasheet HTML 9Page - Linear Technology LT8301 Datasheet HTML 10Page - Linear Technology LT8301 Datasheet HTML 11Page - Linear Technology LT8301 Datasheet HTML 12Page - Linear Technology LT8301 Datasheet HTML 13Page - Linear Technology LT8301 Datasheet HTML 14Page - Linear Technology LT8301 Datasheet HTML 15Page - Linear Technology LT8301 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8068
12
8068fb
For more information www.linear.com/LTM8068
LTM8068 Table 1b. Recommended Component Values and Configuration for Specific VOUT2 Voltages (TA = 25°C)
VIN
VOUT1
VOUT2
CIN
COUT1
COUT2
RFB1
RFB2
2.8V to 40V
1.7V
1.2V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
10µF, 6.3V, 1206
20.5k
open
2.8V to 40V
2V
1.5V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
10µF, 6.3V, 1206
18.2k
2.32M
2.8V to 40V
2.4V
1.8V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
10µF, 6.3V, 1206
15.8k
1.07M
2.8V to 40V
3.1V
2.5V
2.2µF, 50V, 1206
100µF, 6.3V, 1210
10µF, 6.3V, 1206
12.7k
487k
2.8V to 40V
3.9V
3.3V
2.2µF, 50V, 1206
47µF, 6.3V, 1210
10µF, 6.3V, 1206
10.5k
294k
2.8V to 38V
5.6V
5V
2.2µF, 50V, 1206
22µF, 16V, 1210
10µF, 6.3V, 1206
7.32k
162k
2.8V to 36V
8.6V
8V
2.2µF, 50V, 1206
22µF, 16V, 1210
10µF, 10V, 1206
4.89k
88.7k
2.8V to 32V
12.7V
12V
4.7µF, 50V, 1206
10µF, 50V, 1210
22µF, 16V, 1206
3.32k
56.2k
2.8V to 29V
15.8V
15V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
22µF, 16V, 1206
2.67k
44.2k
2.8V to 26V
18.8V
18V
4.7µF, 50V, 1206
4.7µF, 25V, 1210
22µF, 25V, 1206
2.26k
36.5k
Note: An input bulk capacitor is required.
APPLICATIONS INFORMATION
Isolation, Working Voltage and Safety Compliance
The LTM8068 isolation is 100% hi-pot tested by tying
all of the primary pins together, all of the secondary pins
together and subjecting the two resultant circuits to a
high voltage differential for one second. This establishes
the isolation voltage rating of the LTM8068 component.
The isolation rating of the LTM8068 is not the same as
the working or operational voltage that the application
will experience. This is subject to the application’s power
source, operating conditions, the industry where the end
product is used and other factors that dictate design
requirements such as the gap between copper planes,
traces and component pins on the printed circuit board, as
well as the type of connector that may be used. To maxi-
mize the allowable working voltage, the LTM8068 has two
columns of solder balls removed to facilitate the printed
circuit board design. The ball to ball pitch is 1.27mm, and
the typical ball diameter is 0.78mm. Accounting for the
missing columns and the ball diameter, the printed circuit
board may be designed for a metal-to-metal separation of
up to 3.03mm. This may have to be reduced somewhat to
allow for tolerances in solder mask or other printed circuit
board design rules. For those situations where informa-
tion about the spacing of LTM8068 internal circuitry is
required, the minimum metal to metal separation of the
primary and secondary is 0.75mm.
To reiterate, the manufacturer’s isolation voltage rating
and the required working or operational voltage are often
different numbers. In the case of the LTM8068, the iso-
lation voltage rating is established by 100% hi-pot test-
ing. The working or operational voltage is a function of
the end product and its system level specifications. The
actual required operational voltage is often smaller than
the manufacturer’s isolation rating.
The LTM8068 is a UL recognized component under
UL 60950, file number E464570. The UL 60950 insula-
tion category of the LTM8068 transformer is Functional.
Considering UL 60950 Table 2N and the gap distances
stated above, 3.03mm external and 0.75mm internal,
the LTM8068 may be operated with up to 250V working
voltage in a pollution degree 2 environment. The actual
working voltage, insulation category, pollution degree and
other critical parameters for the specific end application
depend upon the actual environmental, application and
safety compliance requirements. It is therefore up to the
user to perform a safety and compliance review to ensure
that the LTM8068 is suitable for the intended application.
VOUT2 Post Regulator
VOUT2 is produced by a high performance low dropout
300mA regulator. At full load, its dropout is less than
430mV. Its output is set by applying a resistor from the
RFB2 pin to GND; the value of RFB2 can be calculated by
the equation:
RFB2 =
608.78
VOUT2 –1.22
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com