Electronic Components Datasheet Search
  English  ▼

X  

LT-CP7P Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LT-CP7P
Description  SMT ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-CP7P Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LT-CP7P Datasheet HTML 11Page - OSRAM GmbH LT-CP7P Datasheet HTML 12Page - OSRAM GmbH LT-CP7P Datasheet HTML 13Page - OSRAM GmbH LT-CP7P Datasheet HTML 14Page - OSRAM GmbH LT-CP7P Datasheet HTML 15Page - OSRAM GmbH LT-CP7P Datasheet HTML 16Page - OSRAM GmbH LT-CP7P Datasheet HTML 17Page - OSRAM GmbH LT-CP7P Datasheet HTML 18Page - OSRAM GmbH LT-CP7P Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2011-010-04
18
Released
LT CP7P
Remarks:
1)
Brightness values are measured during a current pulse of typical 25 ms, with an internal reproducibility of +/- 8 %
and an expanded uncertainty of +/- 11 % (acc. to GUM with a coverage factor of k = 3).
2)
Due to the special conditions of the manufacturing processes of LED, the typical data or calculated correlations of
technical parameters can only reflect statistical figures. These do not necessarily correspond to the actual
parameters of each single product, which could differ from the typical data and calculated correlations or the typical
characteristic line. If requested, e.g. because of technical improvements, these typ. data will be changed without any
further notice.
3)
The dominant wavelength is measured at a current pulse of typical 25 ms, with an internal reproducibility of +/- 0,5
nm and an expanded uncertainty of +/- 1 nm (acc. to GUM with a coverage factor of k=3).
4)
The forward voltage is measured during a current pulse of typical 8 ms, with an internal reproducibility of +/- 0,05 V
and an expanded uncertainty of +/- 0,1 V (acc. to GUM with a coverage factor of k=3).
5)
Dimensions are specified as follows: mm (inch).
6)
A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
7)
Life support devices or systems are intended
(a) to be implanted in the human body,
or
(b) to support and/or maintain and sustain human life. If they fail, it is reasonable to assume that the health and the
life of the user may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com