Electronic Components Datasheet Search
  English  ▼

X  

MP6923GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6923GS
Description  High Efficiency Synchronous Rectification EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6923GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6923GS Datasheet HTML 1Page - Monolithic Power Systems MP6923GS Datasheet HTML 2Page - Monolithic Power Systems MP6923GS Datasheet HTML 3Page - Monolithic Power Systems MP6923GS Datasheet HTML 4Page - Monolithic Power Systems MP6923GS Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV6923-S-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6923-S-00A Rev. 1.0
www.MonolithicPower.com
2
1/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PGND
NC
5
VD2
6
PGND
1
VG2
2
NC
10
LD
11
VD1
9
PGND
14
VG1
13
EN
3
VS2
7
VS1
8
VDD
12
LL
4
U1
MP6923GS
PGND
PGND
PGND
PGND
PGND
10
R7
1K
R4
1K
R6
10K
R9
10K
R11
10
R5
10
R10
10
R8
10K
R3
4.99K
R2
100K
R1
100k
R12
1
2
CN
1nF
C2
10uF
C5
2200uF
C8
2200uF
C7
1
2
D2
1
2
D1
1nF
C1
M1
M2
LS1
CT
LS2
PGND
PGND
EN
VDD
VG1
VG2
VOUT
GND
PGND
10
R14
VS1
VD1
VG1
VS2
VD2
VG2
470pF
C3
470pF
C4
2.2uF
C6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com