Electronic Components Datasheet Search
  English  ▼

X  

MP6923GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6923GS
Description  High Efficiency Synchronous Rectification EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6923GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6923GS Datasheet HTML 1Page - Monolithic Power Systems MP6923GS Datasheet HTML 2Page - Monolithic Power Systems MP6923GS Datasheet HTML 3Page - Monolithic Power Systems MP6923GS Datasheet HTML 4Page - Monolithic Power Systems MP6923GS Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6923-S-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6923-S-00A Rev. 1.0
www.MonolithicPower.com
3
1/11/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EV6922DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
1nF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H102KA01D
2
C3, C4
470pF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H471KA01D
1
C5
10μF
Ceramic Capacitor,
25V, X5R
1206
muRata
GRM31CR61E106KA12L
1
C6
2.2μF
Ceramic Capacitor,
25V, X7R
1206
TDK
C3216X7R1E225K
2
C7, C8
2200μF
Electrolytic Capacitor,
35V
DIP
Rubycon
2200μF/35V Dia.: 16mm
Pin-pin:7.5mm
2
D1, D2
Diode;75V, 0.15A
SOD-123
Diodes
1N4148W
N Channel Mosfet, 60V
TO-220
AM90N06-10P
Analog Power
2
M1, M2
NS
N Channel Mosfet, 60V
PowerPAK
SOIC8
1
R1, R12
100k
Film Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
R2
4.99k
Film Resistor, 1%
0603
Yageo
RC0603FR-074K99L
3
R3, R9,
R11
10k
Film Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
R4, R6
1k
Film Resistor, 5%
0603
Royalohm
0603SAJ0102T5E
3
R5,R10,
R14
10
Film Resistor, 5%
0603
Royalohm
0603SAJ0100T5E
2
R7, R8
10
Film Resistor, 5%
1206
Yageo
RC1206JR-0710R
1
U1
SR Controller
SOIC14
MPS
MP6923GS
2
M1, M2 Radiator
2
M1, M2 Isolation Gasket
2
M1, M2 Screw
4
Board Stanchion



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com