Electronic Components Datasheet Search
  English  ▼

X  

MP6924GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6924GS
Description  High Efficiency Synchronous Rectification EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6924GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6924GS Datasheet HTML 1Page - Monolithic Power Systems MP6924GS Datasheet HTML 2Page - Monolithic Power Systems MP6924GS Datasheet HTML 3Page - Monolithic Power Systems MP6924GS Datasheet HTML 4Page - Monolithic Power Systems MP6924GS Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6924-S-00A
– HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6924-S-00A Rev. 1.0
www.MonolithicPower.com
3
9/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EV6924DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
2
C1, C5
100pF
Ceramic Capacitor,
100V, C0G
0603
TDK
C1608C0G2A101J
2
C2, C3
2200uF
Electrolytic Capacitor,
35V
DIP
Rubycon
2200uF/35V Dia.16mm
1
C4
10uF
Ceramic Capacitor,
35V, X7R
1206
TDK
C3216X7R1V106K
1
C6
2.2uF
Ceramic Capacitor,
50V, X7R
1206
muRata
GRM31CR71H225KA88L
1
C7
1nF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H102KA01D
2
D1, D2
Diode;75V, 0.15A
SOD-123
Diodes
1N4148W
2
M1, M2
NS
N Channel Mosfet, 60V
TO-220
N Channel Mosfet, 60V
PowerPAK
SO-8
Si7478DP
Si7478DP
2
R1, R5
10
Film Resistor, 5%
1206
Yageo
RC1206JR-0710R
2
R2, R6
1k
Film Resistor, 5%
0603
Royalohm
0603SAJ0102T5E
2
R3, R7
10k
Film Resistor, 5%
0603
Yageo
RC0603JR-0710KL
2
R4, R8
10
Film Resistor, 5%
0603
Royalohm
0603SAJ0100T5E
1
R9
100k
Film Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
U1
SR Controller
SO-8
MPS
MP6924GS
6
VD1,VD2,VS1,
VS2,VG1,VG2
1.0mm 铜柱
4
板子支柱



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com