Electronic Components Datasheet Search
  English  ▼

X  

MP6924GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6924GS
Description  High Efficiency Synchronous Rectification EV Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6924GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6924GS Datasheet HTML 1Page - Monolithic Power Systems MP6924GS Datasheet HTML 2Page - Monolithic Power Systems MP6924GS Datasheet HTML 3Page - Monolithic Power Systems MP6924GS Datasheet HTML 4Page - Monolithic Power Systems MP6924GS Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6924-S-00A
High Efficiency
Synchronous Rectification EV Board
EV6924-S-00A Rev. 1.0
www.MonolithicPower.com
1
9/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The EV6924-S-00A is an evaluation board for
the MP6924GS or MP6924AGS. It is configured
to provide synchronous rectification solution for
LLC topology.
MP6924GS features dual synchronous gate
outputs
which
enables
high
efficiency
rectification by replacing the schottky rectifier
with a low Ron MOSFET.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Vcc Voltage
Vcc
4.2-35
V
FEATURES
 Works with both Standard and Logic
Level MOSFETs
 Compatible with Energy Star
 Fast Turn-Off Total Delay of 35ns
 Wide 4.2~35V V
DD Operating Range
 175uA Low quiescent Current in Light-
Load Mode
 Supports CCM, CrCM and DCM
Operation Mode
 Supports High-side and Low-side
Rectification
 Power Savings of Up to 1.5W in a
Typical Notebook Adapter
 Available in a SOIC-8 Package
APPLICATIONS
 AC-DC Adapters
 PC Power Supplies
 LCD and LED TVs
 Isolated DC/DC Power Converters
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6924DS-00A EVALUATION BOARD
(L x W x H) 6.3cm x 6.3cm x 3cm
Board Number
MPS IC Number
EV6924-S-00A
MP6924GS


Similar Part No. - MP6924GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6920DN MPS-MP6920DN Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6920DN MPS-MP6920DN Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
More results

Similar Description - MP6924GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6901DS-00A MPS-EV6901DS-00A Datasheet
161Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902DS-00A MPS-EV6902DS-00A Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6910A-S-00A MPS-EV6910A-S-00A Datasheet
416Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6920-N-00A MPS-EV6920-N-00A Datasheet
142Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com