Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems MP7720DS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV7720DS-00A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7720DS-00A Rev. 1.0
www.MonolithicPower.com
3
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EV7720DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer P/N
3
C1, C3,
C124
1µF
Ceramic Capacitor, 16V, X7R
0805
Murata:
GRM21BR71C105KA99
2
C2, C4
1µF
Ceramic Capacitor, 25V, X7R
0805
Murata:
GRM21BR71E105KA99
2
C5, C6
NS
Not Stuffed
2
C7,C8
0.47µF Ceramic Capacitor, 16V, X7R
0603
Murata:
GRM188R71C474KA88D
2
C9, C19
390pF
Ceramic Capacitor, 50V, C0G
0603
Murata:
GRM1885C1H3901JA01
4
C10, C20,
C21, C22
0.1µF
Ceramic Capacitor, 50V, X7R
0603
Murata:
GRM188R71H104KA993D
2
C11
4.7nF
Ceramic Capacitor, 50V, X7R
0603
Murata:
GRM188R71H472KA01
1
C12
3.9nF
Ceramic Capacitor, 50V, X7R
0603
Murata:
GRM188R71H392KA01
3
C13, C14,
C27
470µF
Electrolytic Capacitor, 35V, YXF
Radial
Rubycon:
35YXF470M
2
C15,C16
22pF
Ceramic Capacitor, 50V, C0G
0603
Murata:
GRM1885C1H220JA01
2
C17, C18
2.2µF
Ceramic Capacitor, 25V, X7R
1206
Murata:
GRM31MR71E225KA93
2
C102, C114,
1µF
Ceramic Capacitor, 25V, X7R
1206
Murata:
GRM31CR71E105KA88
2
C23, C24
0.47µF Capacitor, 50V, X7R
Radial
Any
4
C25, C26,
C28, C29
1000µF Electrolytic Capacitor, 25V, YXF
Radial
Rubycon:
25VYXF1000M
2
CN100,
CN101
Phone Jack, Female
RCA
Any
1
CN102
Banana Jack Connector
Any
2
D1, D3
Zener Diode 6.2V/250mW
SOD323
Diodes Inc.:
BZT52C6V2S
2
D2, D4
Diode Switch, 75V, 100mA
SOD323
Diodes Inc.:
1N4148
2
D6, D8
Schottky Diode, 1A/30V
SMB
Diodes Inc.:
B130B-13-F
3
FB1, L3, L4
Ferrite Bead
BS43
Toko:
BS43
2
L1, L2
10µH
Inductor
Radial
Toko:
13RHBP-A7502BY-100M
1
LED100
LED
1206
Any
4
Q1,Q2,Q3,Q
4
NPN, 2N3904
SOT23
On Semi:
MMBT3904



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com