Electronic Components Datasheet Search
  English  ▼

X  

MP7720DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems MP7720DS Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV7720DS-00A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV7720DS-00A Rev. 1.0
www.MonolithicPower.com
7
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
QUICK START GUIDE
This board is set up from the factory for 24V operation. To use a 12V power supply, adjust the
components as specified in Section 3 below. For more information, consult the MP7720 datasheet.
1. Power Requirements
a. Power Supply: 24V, 6A maximum
b. 0V to 1VRMS (max) audio signal source
c. Speaker: 4Ω or 8Ω
2. Setup Conditions for 24V Operation
a. Connect the outputs to the external speakers
b. Adjust the power supply to 24V before connecting to the evaluation board
c. Turn off the power supply
d. Connect the power supply to the VDD terminals
e. Set the enable switch to the DISABLE position
f. Connect the audio input signal source to the amplifier inputs (IN1, IN2)
g. Turn on the power supply to apply power to the board
3. 12V Operation Modifications
a. Change C11 to 2.2nF and C12 to 1.8nF
b. Remove R22, R24 and R113. Change R1 and R2 from 20kΩ to 10kΩ
c. Adjust the power supply to 12V (do not turn on)
d. Use same procedure for turn on as specified in Section 2
4. Music Turn-On Sequence
a. Set the enable switch to the ENABLE position
b. Audio should be heard from the speaker(s)
5. Music Turn-Off Sequence
a. Set the enable switch to the DISABLE position



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com