Electronic Components Datasheet Search
  English  ▼

X  

MP7740 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7740
Description  15W Stereo Class D Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7740 Datasheet HTML 1Page - Monolithic Power Systems MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV7740DN-01B – 15W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7740DN-01B Rev. 1.0
www.MonolithicPower.com
3
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV7740DN-01B BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer
Manufacturer P/N
1
C1
2200uF Electrolytic Capacitor, 50V
Radial
Rubycon
2
C2,C3
2.2uF
Electrolytic Capacitor, 50V
Radial
Rubycon
2
C4,C5
10uF
Electrolytic Capacitor, 50V
Radial
Rubycon
1
C6
5.6nF
Ceramic Capacitor,
50V, X7R
0603
muRata
GRM188R71H562KA01
1
C7
4.7nF
Ceramic Capacitor,
50V,X7R
0603
muRata
GRM188R71H472KA01
2
C8,C9
NS
Not Stuffed
2
C10,C11
22pF
Ceramic Capacitor,
50V,C0G
0603
muRata
GRM1885C1H220JA01D
2
C12, C13
0.47uF
Ceramic Capacitor,
16V,X7R
0603
muRata
GRM188R71C474KA88D
2
C14,C15
2.2uF
Ceramic Capacitor,
50V,X7R
1206
muRata
GRM31CR71H225KA88L
2
C16, C17
390pF
Ceramic Capacitor,
50V,C0G
0603
muRata
GRM1885C1H3901JA01
2
C18, C19
0.47uF FILM,50V
Radial
any
2
C20,C21
1000uF Electrolytic Capacitor, 50V
Radial
Rubycon
4
C22,C23,
C24,C25
0.1uF
Ceramic Capacitor,
50V,X7R
0603
muRata
GRM188R71H104KA93D
2
D1, D2,
Optional
Diode Schottky,
40V, 3A
SMA
Diodes
B340LA
2
D3, D4
NS
Not Stuffed
2
FB1, FB2
Ferrite Bead, 6A
1206
LION
PB321611-320
1
SW1
DPDT Slide Switch
2
CN2,CN3
Phono Jack, Female
1
CN1
Banana Jack Connector
1
TP1
Test Point/EXT.EN
1
SP1
Speaker Connector
2
L1, L2
10uH
Inductor, 3.61A
Radial
Toko
10RHBP-#A671HN-100L
2
R1,R2
NS
Not Stuffed
4
R3, R4,
R19,R20,
10kΩ
Film Resistor, 1%
0603
Yageo
RC0603FR-0710KL
5
R5,R6,
R7,R8,
R9
100kΩ Film Resistor, 1%
0603
Yageo
RC0603FR-07100KL
2
R10,R18
30.1kΩ Film Resistor, 1%
0603
Yageo
RC0603FR-0730K1L
2
R11, R12
82.5kΩ Film Resistor, 1%
0603
Yageo
RC0603FR-0782K5L
1
R13
200kΩ Film Resistor, 5%
0603
Yageo
RC0603JR-07200KL
4
R14, R15,
R16, R17
10Ω
Film Resistor, 1%
0603
Yageo
RC0603FR-0710RL
2
R21,R22
10kΩ
Film Resistor, 5%
0603
Yageo
RC0603FR-0711RL
2
U1,U2
Class D Audio Amplifier
SOIC8E
MPS
MP7740DN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com