Electronic Components Datasheet Search
  English  ▼

X  

MP7740 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7740
Description  15W Stereo Class D Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7740 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7740 Datasheet HTML 1Page - Monolithic Power Systems MP7740 Datasheet HTML 2Page - Monolithic Power Systems MP7740 Datasheet HTML 3Page - Monolithic Power Systems MP7740 Datasheet HTML 4Page - Monolithic Power Systems MP7740 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV7740DN-01B
15W Stereo Class D
Single Ended Audio Amplifier
EV7740DN-01B Rev. 1.0
www.MonolithicPower.com
1
10/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV7740DN-01B is the evaluation board for
the MP7740, a stereo 15W Class D Audio
Amplifier. It is one of MPS’ products of fully
integrated audio amplifiers which dramatically
reduce solution size by integrating the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7740 utilizes a single ended output
structure capable of delivering 15W into 4Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at high
efficiency. The circuit is based on the MPS’
AAMTM proprietary variable frequency topology
that delivers excellent linearity, fast response
time and operates on a single power supply.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
24
V
FEATURES
• 15W Output at VDD = 24V into a 4Ω load
• THD+N = 0.05% at 1W, 8Ω, 1KHz
• 90% Efficiency at 15W and VDD=24V with
4Ω load
• Low Noise (103μV Typical)
• 9.5V to 36V Operation from a Single Supply
APPLICATIONS
• Flat Panel TV
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
EV7740 EVALUATION BOARD
Dimensions (2.4”X x 3.5”Y x 1.2”Z)
Board Number
MPS IC Number
EV7740DN-01B
MP7740
THD+N vs. POUT
VDD=24V,Freq=1kHz,A-wtd
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
60m
200m
1
5
20
POUT(W)


Similar Part No. - MP7740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7740DN MPS-MP7740DN Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
More results

Similar Description - MP7740

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
15W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
logo
Anpec Electronics Corop...
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
logo
Monolithic Power System...
EV7742DF-00B MPS-EV7742DF-00B Datasheet
233Kb / 5P
2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Anpec Electronics Corop...
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com