Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8007
Description  IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EV8007-V-00C—PRIMARY-SIDE REGULATE FLYBACK CONVERTER EVB
EV8007-V-00C Rev. 1.0
www.MonolithicPower.com
6
7/1/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TM
EVB TEST RESULTS (continued)
VIN=48V, VOUT=12V, IOUT=1A, TA=25ºC, unless otherwise noted.
IPRI
2A/div.
VSW
50V/div.
VOUT
5V/div.
VIN
50V/div.
IPRI
2A/div.
VSW
50V/div.
OUT
5V/div.
VIN
50V/div.
VSW
50V/div.
IPRI
2A/div.
IPRI
2A/div.
VIN
20V/div.
VOUT/AC
200mV/div.
VSW
50V/div.
IPRI
2A/div.
VIN
20V/div.
VOUT/AC
200mV/div.
VSW
50V/div.
IPRI
2A/div.
VIN
20V/div.
VOUT/AC
200mV/div.
VPG
20V/div.
VOUT
10V/div.
VIN
20V/div.
IPRI
2A/div.
VPG
20V/div.
VOUT
10V/div.
VIN
20V/div.
IPRI
2A/div.
VPG
5V/div.
VOUT
10V/div.
VIN
20V/div.
IPRI
2A/div.
VPG
5V/div.
VOUT
10V/div.
VIN
20V/div.
VRTN
20V/div.
VRTN
20V/div.
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com