Electronic Components Datasheet Search
  English  ▼

X  

MP8007 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8007
Description  IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8007 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8007 Datasheet HTML 1Page - Monolithic Power Systems MP8007 Datasheet HTML 2Page - Monolithic Power Systems MP8007 Datasheet HTML 3Page - Monolithic Power Systems MP8007 Datasheet HTML 4Page - Monolithic Power Systems MP8007 Datasheet HTML 5Page - Monolithic Power Systems MP8007 Datasheet HTML 6Page - Monolithic Power Systems MP8007 Datasheet HTML 7Page - Monolithic Power Systems MP8007 Datasheet HTML 8Page - Monolithic Power Systems MP8007 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EV8007-V-00C
IEEE 802.3af PoE PD Interface with 13W
Primary-side Regulated Flyback Converter
EV8007-V-00C Rev. 1.0
www.MonolithicPower.com
1
7/1/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
EV8007-V-00C Evaluation Board is designed to
demonstrate
the
capability
of
MP8007`s
primary-side regulate fly-back function. This
board supports IEEE 802.3af PoE compliant
Powered Device with PD interface and flyback
power converter. It is targeted for isolated 13W
PoE application.
The PD interface has all the functions of IEEE
802.3af,
including
detection,
classification,
inrush current, operation current limit as well as
100V Hot-swap MOSFET. The DCDC converter
uses fixed peak current and variable frequency
discontinuous conduction mode (DCM) to
regulate constant output voltage.
The
MP8007
is
available
in
QFN-28
(4mmX5mm ) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input voltage
VIN
37-57
V
Adapter Voltage
VADAPTOR
24
V
Output voltage
VOUT
12
V
Output current
IOUT
1
(1)
A
Notes:
(1) When using 24V adapter input, the maximum output current
will be lower than 1A, it is limited by transformer design.
FEATURES
 Primary-side Regulate Flyback without
Opto-coupler Feedback
 Integrated 180V Switching Power MOSFET
 Internal 80V Startup Circuit
 Up to 3A Programmable Current Limit
 Discontinuous Conduction Work Mode
 Include OLP, OVP, Open Circuit and
Thermal Protection
 Minimal External Components Count
 Available in QFN-28 4mmx5mm Package
APPLICATIONS
 Security Camera
 VoIP Phones
 WLAN Access Points
 General Flyback Converter
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV8007-V-00C EVALUATION BOARD
TBD
(L x W x H) (11.5cm x 4.5cm x 1.5cm)
Board Number
MPS IC Number
EV8007-V-00C
MP8007
10
100
1000
0
10
20
30
40
50
60
70
80
90
100


Similar Part No. - MP8007

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8007 MPS-MP8007 Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
MP8007 MPS-MP8007 Datasheet
1Mb / 27P
Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
6/27/2016 Rev.1.0
MP8007GV MPS-MP8007GV Datasheet
1Mb / 27P
Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
6/27/2016 Rev.1.0
MP8007GV-P MPS-MP8007GV-P Datasheet
1Mb / 27P
Fully-Integrated 802.3af-Compatible PoE PD Interface with 13W Primary-side Regulated Flyback or Buck Converter
6/27/2016 Rev.1.0
More results

Similar Description - MP8007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
IEEE 802.3af PoE Powered Device (PD) interface controller
26-Jul-2007
logo
ON Semiconductor
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8004 MPS-MP8004 Datasheet
1Mb / 22P
13W 802.3af PoE Powered Device Interface with Flyback DC/DC Converter
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com