Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3763
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 1 Page - Linear Technology

  LT3763 Datasheet HTML 1Page - Linear Technology LT3763 Datasheet HTML 2Page - Linear Technology LT3763 Datasheet HTML 3Page - Linear Technology LT3763 Datasheet HTML 4Page - Linear Technology LT3763 Datasheet HTML 5Page - Linear Technology LT3763 Datasheet HTML 6Page - Linear Technology LT3763 Datasheet HTML 7Page - Linear Technology LT3763 Datasheet HTML 8Page - Linear Technology LT3763 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT8390
1
8390fa
For more information www.linear.com/LT8390
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Synchronous 4-Switch
Buck-Boost Controller
with Spread Spectrum
TheLT®8390isasynchronous4-switchbuck-boostDC/DC
controller that regulates output voltage, input or output
current from an input voltage above, below, or equal to
the output voltage. The proprietary peak-buck/peak-boost
current mode control scheme allows adjustable and syn-
chronizable 150kHz to 650kHz fixed frequency operation,
or internal ±15% triangle spread spectrum frequency
modulation for low EMI. With a 4V to 60V input voltage
range,0Vto60Voutputvoltagecapability,andseamlesslow
noise transitions between operation regions, the LT8390
is ideal for voltage regulator, battery and supercapacitor
charger applications in automotive, industrial, telecom,
and even battery-powered systems.
The LT8390 provides input or output current monitor and
power good flag. Fault protection is also provided to detect
output short-circuit condition, during which the LT8390
retries, latches off, or keeps running.
98% Efficient 48W (12V 4A) Miniature Buck-Boost Voltage Regulator
APPLICATIONS
n
4-Switch Single Inductor Architecture Allows VIN
Above, Below or Equal to VOUT
n
Synchronous Switching: Up to 98% Efficiency
n
Proprietary Peak-Buck Peak-Boost Current Mode
n
Wide VIN Range: 4V to 60V
n
±1.5% Output Voltage Accuracy: 1V ≤ VOUT ≤ 60V
n
±3% Input or Output Current Accuracy with Monitor
n
Spread Spectrum Frequency Modulation for Low EMI
n
High Side PMOS Load Switch Driver
n
Integrated Bootstrap Diodes
n
No Top MOSFET Refresh Noise in Buck or Boost
n
Adjustable and Synchronizable: 150kHz to 650kHz
n
VOUT Disconnected from VIN During Shutdown
n
Available in 28-Lead TSSOP with Exposed Pad and
28-Lead QFN (4mm × 5mm)
n
Automotive, Industrial, Telecom Systems
n
High Power Battery-Powered System
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Analog
Devices, Inc. All other trademarks are the property of their respective owners.
Efficiency vs VIN
IOUT = 4A
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
86
88
90
92
94
96
98
100
8390 TA01b
165k
0.1µF
4.7µF
4m
0.1µF
6uH
22µF
383k
4.7µF
100k
0.47µF
100k
4.7nF
27k
100k
9.09k
15m
10µF
25V
×2
0.1µF
1µF
1µF
100pF
120µF
16V
120µF
16V
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST
VIN
4V TO 56V
400kHz
63V
×2
100V
×2
ISMON
PGOOD
VOUT
12V
4A
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390
LOADTG
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
IOUT LIMIT 6.7A
8390 TA01a


Similar Part No. - LT3763

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3763 LINEAR-LT3763 Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
High Power Constant Current, Constant Voltage Synchronous Buck Controller
LT3763 LINER-LT3763 Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
LT3763 AD-LT3763 Datasheet
2Mb / 32P
60VIN, 100VOUT Synchronous 4-Switch Buck-Boost LED Driver Controller with Low EMI
10/20-REV.A
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
60V High Current Step-Down LED Driver Controller
More results

Similar Description - LT3763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
60V Four-Switch Synchronous Buck-Boost Controller
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com