Electronic Components Datasheet Search
  English  ▼

X  

LT3763 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3763
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3763 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3763 Datasheet HTML 14Page - Linear Technology LT3763 Datasheet HTML 15Page - Linear Technology LT3763 Datasheet HTML 16Page - Linear Technology LT3763 Datasheet HTML 17Page - Linear Technology LT3763 Datasheet HTML 18Page - Linear Technology LT3763 Datasheet HTML 19Page - Linear Technology LT3763 Datasheet HTML 20Page - Linear Technology LT3763 Datasheet HTML 21Page - Linear Technology LT3763 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT8390
18
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
The front page shows a typical LT8390 application circuit.
ThisApplicationsInformationsectionservesasaguideline
of selecting external components for typical applications.
The examples and equations in this section assume
continuous conduction mode unless otherwise specified.
Switching Frequency Selection
The LT8390 uses a constant frequency control scheme
between 150kHz and 650kHz. Selection of the switching
frequency is a tradeoff between efficiency and component
size. Low frequency operation improves efficiency by
reducing MOSFET switching losses, but requires larger
inductor and capacitor values. For high power applica-
tions, consider operating at lower frequencies to minimize
MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to
minimize the total solution size.
Inaddition,thespecificapplicationalsoplaysanimportant
role in switching frequency selection. In a noise-sensitive
system,theswitchingfrequencyisusuallyselectedtokeep
the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the LT8390 can be set by the
internal oscillator. With the SYNC/SPRD pin pulled to
ground, the switching frequency is set by a resistor from
the RT pin to ground. Table 1 shows RT resistor values
for common switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (kHz)
RT (k)
150
309
200
226
300
140
400
100
500
75
600
59
650
51.1
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve the EMI performance, the LT8390
implements a triangle spread spectrum frequency modu-
lation scheme. With the SYNC/SPRD pin tied to INTVCC,
the LT8390 starts to spread its switching frequency ±15%
aroundtheinternaloscillatorfrequency.Figure9andFigure
10 show the noise spectrum comparison of the front page
applicationbetweenspreadspectrumenabledanddisabled.
Figure 9. Average Conducted EMI Comparison
Figure 10. Peak Conducted EMI Comparison
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
150
2000
8390 F09
SPREAD ON
SPREAD OFF
CISPR25
CONDUCTED EMI
AVERAGE LIMIT
80
70
60
50
40
30
20
10
0
8390 F10
CISPR25
CONDUCTED EMI
PEAK LIMIT
SPREAD ON
SPREAD OFF
FREQUENCY (kHz)
150
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com