Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 36 Page - Linear Technology

Part # LT8640
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT8640 Datasheet HTML 30Page - Linear Technology LT8640 Datasheet HTML 31Page - Linear Technology LT8640 Datasheet HTML 32Page - Linear Technology LT8640 Datasheet HTML 33Page - Linear Technology LT8640 Datasheet HTML 34Page - Linear Technology LT8640 Datasheet HTML 35Page - Linear Technology LT8640 Datasheet HTML 36Page - Linear Technology LT8640 Datasheet HTML 37Page - Linear Technology LT8640 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LT8603
36
8603f
For more information www.linear.com/LT8603
TYPICAL APPLICATIONS
L3, 1.0H
C15, 22pF
R10, 499k
R11, 1MEG
C7
47F
OUT3
1.2V
L2
1.5H
C13, 15pF
R8, 825k
R9, 357k
C14
47F
OUT2
3.3V
C6
0.1F
C12
0.1F
L1
2.2H
C5, 3.3pF
R6, 1MEG
R7, 249k
C4
22F
OUT1
5.0V
R8
28.7k
C10, 4.7F
C11, 4.7F
C9, 2.2nF
C8, 2.2nF
M1
SD1
C2
22F
4.7F
VBATT
6V TO 16V
8603 TA06a
TRKSS1
TRKSS2
INTVCC4
INTVCC
RUN3
FSEL4A
FSEL4B
SYNC
VIN
EN/UVLO
GATE4
PG4
FB4
BST1
SW1
FB1
BIAS
SW2
FB2
LT8603
RT
GND
OUT4
48V AT 200mA
PVIN3
SW3
FB3
UNUSED PINS NOT SHOWN:
PG1-4, POR, CPOR, RST
BST2
R5
15.4k
R4
909k
F1
BEL – 0ZCJ0016FF2E
ISP4
ISN4
PVIN1
PVIN2
R1
10m
L4
22H
R3
280k
C1
R2
1MEG
C3
10pF
+
Four Regulated Outputs with Channel 4 Providing 48V Output
Start-Up Sequence
L1
Wurth 74437336022
L2
Wurth 74437336015
L3
Wurth 74437324010
L4
Wurth 74437346220
SD1
PMEG060V05EPD
M1
BUK9Y58-75, 115
VOUT4
VIN
VOUT1
VOUT2
VOUT3
AT 5V/DIV
AT 2V/DIV
AT 2V/DIV
AT 2V/DIV
100ms/DIV
2V/DIV
10V/DIV
5V/DIV
8603 TA06b
AT 10V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com