Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8640
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 5 Page - Linear Technology

  LT8640 Datasheet HTML 1Page - Linear Technology LT8640 Datasheet HTML 2Page - Linear Technology LT8640 Datasheet HTML 3Page - Linear Technology LT8640 Datasheet HTML 4Page - Linear Technology LT8640 Datasheet HTML 5Page - Linear Technology LT8640 Datasheet HTML 6Page - Linear Technology LT8640 Datasheet HTML 7Page - Linear Technology LT8640 Datasheet HTML 8Page - Linear Technology LT8640 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LT8603
5
8603f
For more information www.linear.com/LT8603
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8603E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8603I is guaranteed to meet performance specifications from –40°C
to 125°C junction temperature. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
above 125°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Channel 4
Feedback Voltage FB4
l
788
800
812
mV
FB4 Line Regulation
VIN = 3.2V to 42V
0.002
0.01
%/V
Input Current FB4
l
–100
100
nA
Soft-Start Time
1
ms
Current Comparator Limit Threshold
VISP4 to VISN4, VCM = 2V to 42V
l
43
50
57
mV
Current Comparator Input Common Mode Range
2
42
V
ISP4, ISN4 Input Currents, Sleep
VISP4 = VISN4 = 2V to 42V, FB4 = 1V, SYNC = 0V
200
nA
ISP4, ISN4 Input Currents, Active
VISP4 = VISN4 = 2V to 42V, FB4 = 0V, SYNC = 0V
34
44
μA
ISP4, ISN4 Input Currents
VISP4 = VISN4 = –42V
7
10
mA
GATE4 High Side PMOS On-Resistance
2.5
Ω
GATE4 Low Side NMOS On-Resistance
1.25
Ω
FB4 Power Good Threshold
Percentage of VFB4, VFB4 Falling
l
89
92
95
%
Power Good Threshold Hysteresis
0.2
%
PG4 Output Voltage Low
IPG4 = 350μA
l
0.13
0.3
V
PG4 Leakage Current
PG4 = 5V, FB4 = 0.8V
l
6
μA
Power-On Reset
POR Delay Time
CPOR = 1000pF
l
31
35.2
39.4
ms
RST Output Voltage Low
IRST = 100μA
l
0.1
0.2
V
RST Pull-Up Current
POR Timed Out, RST = 0V
20
μA
RST Leakage Current
POR Timed Out, RST = 6V
–100
100
nA
POREN Threshold
l
1.15
1.2
1.25
V
POREN Pull-Up Current
POREN = 0V
0.6
1.0
1.4
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 3V unless otherwise noted. (Note 2)
Note 3: Current limit is assured by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycles.
Note 4: Measurement made using the circuit titled, “Details of Front Page
Application” in the Typical Applications section.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum junction temperature will
reduce lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com