Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610AB
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 1 Page - Linear Technology

  LT8610AB Datasheet HTML 1Page - Linear Technology LT8610AB Datasheet HTML 2Page - Linear Technology LT8610AB Datasheet HTML 3Page - Linear Technology LT8610AB Datasheet HTML 4Page - Linear Technology LT8610AB Datasheet HTML 5Page - Linear Technology LT8610AB Datasheet HTML 6Page - Linear Technology LT8610AB Datasheet HTML 7Page - Linear Technology LT8610AB Datasheet HTML 8Page - Linear Technology LT8610AB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8619/LT8619-5
1
8619f
For more information www.linear.com/LT8619
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V, 1.2A Synchronous Monolithic Buck
Regulator with 6µA Quiescent Current
The LT®8619 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 6μA of quiescent current. The LT8619
can deliver 1.2A of continuous current. Top and bottom
power switches are included with all necessary circuitry
to minimize the need for external components. Low ripple
Burst Mode® operation enables high efficiency down to
very low output currents while keeping the output ripple
to 10mVP-P. A SYNC pin allows forced continuous mode
operation synchronized to an external clock. Internal com-
pensation with peak current mode topology allows the use
of small inductors and results in fast transient response
and good loop stability. The EN/UV pin has an accurate 1V
threshold and can be used to program VIN undervoltage
lockout or to shut down the LT8619, reducing the input
supply current to below 0.6μA. The PG flag signals when
VOUT is within ±7.5% of the programmed output voltage.
The LT8619 is available in a small 16-lead MSOP and
10-lead 3mm × 3mm DFN packages with exposed pad
for low thermal resistance.
APPLICATIONS
n
Wide Input Voltage Range: 3V to 60V
n
Fast Minimum Switch-On Time: 30ns
n
Ultralow Quiescent Current Burst Mode Operation:
n
6μA IQ Regulating 12VIN to 3.3VOUT
n
10mVP-P Output Ripple at No Load
n
Synchronizable/Programmable Fixed Frequency
Forced Continuous Mode Operation: 300kHz
to 2.2MHz
n
High Efficiency Synchronous Operation:
n
92% Efficiency at 0.5A, 5VOUT from 12VIN
n
90% Efficiency at 0.5A, 3.3VOUT from 12VIN
n
Low Dropout: 360mV at 0.5A
n
Low EMI
n
Accurate 1V Enable Pin Threshold
n
Internal Soft-Start and Compensation
n
Power Good Flag
n
Small Thermally Enhanced 16-Lead MSOP Package
and 10-Lead (3mm × 3mm) DFN Packages
n
12V Automotive Systems
n
12V and 24V Commercial Vehicles
n
48V Electric and Hybrid Vehicles
n
Industrial Supplies
All registered trademarks and trademarks are the property of their respective owners.
Efficiency at VOUT = 5V
5V, 1.2A Step-Down Converter
L = 10µH, IHLP-2020BZ-01
= 48V
= 24V
= 12V
OSC = 700kHz
Burst Mode
OPERATION
EFFICIENCY
f
VIN
VIN
VIN
LOAD CURRENT (mA)
0.001 0.01 0.1
1
10
100
1k
10k
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
8619 TA01b
0.1
1
10
Efficiency at VOUT = 5V
POWER LOSS
LT8619-5
10µH
66.5k
OFF ON
0.1µF
22µF
8619 TA01a
1µF
2.2µF
VIN
6V TO 60V
VOUT
5V
1.2A
BST
SW
BIAS
PG
OUT
INTVCC
VIN
GND
SYNC
fOSC = 700kHz
EN/UV
RT
PG
100k
L = VISHAY IHLP-2020BZ-01
COUT = TDK C3225X7R1C226K250


Similar Part No. - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8610AB AD-LT8610AB Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
More results

Similar Description - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6273 INTERSIL-ISL6273 Datasheet
585Kb / 12P
1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
March 7, 2006
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Linear Technology
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
logo
Linear Technology
LT8616 LINER-LT8616 Datasheet
272Kb / 6P
Dual 42V Synchronous Monolithic Step-Down Regulator with 6.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com