Electronic Components Datasheet Search
  English  ▼

X  

LT8610AB Datasheet(PDF) 10 Page - Linear Technology

Part # LT8610AB
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 10 Page - Linear Technology

Back Button LT8610AB Datasheet HTML 6Page - Linear Technology LT8610AB Datasheet HTML 7Page - Linear Technology LT8610AB Datasheet HTML 8Page - Linear Technology LT8610AB Datasheet HTML 9Page - Linear Technology LT8610AB Datasheet HTML 10Page - Linear Technology LT8610AB Datasheet HTML 11Page - Linear Technology LT8610AB Datasheet HTML 12Page - Linear Technology LT8610AB Datasheet HTML 13Page - Linear Technology LT8610AB Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT8619/LT8619-5
10
8619f
For more information www.linear.com/LT8619
PIN FUNCTIONS
NC (Pin 1, 3, 13, MSOP Only): No Connect. These pins
are not connected to the internal circuitry.
VIN (Pin 1/Pin 2): The VIN pin supplies current to the
LT8619 internal circuitry and to the internal topside power
switch. Be sure to place the positive terminal of the input
bypass capacitor as close as possible to the VIN pin, and
the negative capacitor terminal as close as possible to
the GND pin.
EN/UV (Pin 2/Pin 4): The LT8619 is shut down when this
pin is low and active when this pin is high. The EN/UV pin
power-on threshold is 1V. When forced below 0.56V, the
IC is put into a low current shutdown mode. Tie to VIN if
shutdown feature is not used. An external resistor divider
from VIN can be used to program the VIN UVLO.
RT (Pin 3/Pin 5): A resistor is tied between RT and ground
to set the switching frequency. When synchronizing, the
RT resistor should be chosen to set the LT8619 switch-
ing frequency equal to or below the synchronization fre-
quency. Do not apply external voltage to this pin.
PG (Pin 4/Pin 6): Open-Drain Power Good Output. PG
remains low until the FB pin is within ±7.5% of the final
regulation voltage. The PG pull-up resistor can be con-
nected to the INTVCC, VOUT or an external supply voltage
that is lower than 6V.
SYNC (Pin 5/Pin 7): External Clock Synchronization Input.
Tie to a clock source for synchronization to an external
frequency. During clock synchronization, the controller
enters forced continuous mode. Ground the SYNC pin for
Burst Mode operation. Connect to INTVCC to enable forced
continuous mode operation. Floating this pin will enable
pulse-skipping mode operation. During start-up, the con-
troller is forced to run in pulse-skipping mode. When in
pulse-skipping or forced continuous mode operation, the
IQ will be much higher compared to Burst Mode operation.
FB (Pin 6/Pin 9, 10, LT8619 Only): The LT8619 regulates
the FB pin to 0.8V. Connect the feedback resistor divider
tap to this pin. Also, connect a phase lead capacitor
between FB and VOUT. Typically, this capacitor is between
4.7pF to 10pF. Do not apply an external voltage to this pin.
OUT (Pin 9, 10, LT8619-5 MSOP Only): Connect to the
regulator output VOUT. The LT8619-5 regulates the OUT
pin to 5V. This pin connects to the internal 10MΩ feed-
back divider that programs the fixed output voltage.
BIAS (Pin 7/Pin 11): The internal regulator will draw cur-
rent from BIAS instead of VIN when the BIAS pin is tied
to a voltage higher than 3.1V. For switching regulator
output voltages of 3.3V and above, this pin should be tied
to VOUT. If this pin is tied to a supply other than VOUT, use
a 1μF local bypass capacitor on this pin.
INTVCC (Pin 8/Pin 12): Internal 3.3V Regulator Output.
The internal power drivers and control circuits are pow-
ered from this voltage. INTVCC maximum output current
is 20mA. INTVCC current will be supplied from BIAS if
VBIAS > 3.1V, otherwise current will be drawn from VIN.
Voltage on INTVCC will vary between 2.8V and 3.3V when
VBIAS is between 3.0V and 3.5V. Decouple this pin to GND
with at least a 1μF low ESR ceramic capacitor. Do not load
the INTVCC pin with external circuitry.
BST (Pin 9/Pin 14): This pin is used to provide a drive
voltage, higher than the input voltage, to the topside
power switch. Place a 0.1μF boost capacitor as close as
possible to the IC.
SW (Pin 10/Pin 15, 16): The SW pin is the output of the
internal power switches. Connect this pin to the inductor
and boost capacitor. This node should be kept small on
the PCB for good performance.
GND (Exposed Pad Pin 11/Pin 8, Exposed Pad Pin 17):
Ground. The exposed pad must be connected to the nega-
tive terminal of the input capacitor and soldered to the
PCB in order to lower the thermal resistance.
(DFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com