Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1628
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 2 Page - Linear Technology

  LTC1628 Datasheet HTML 1Page - Linear Technology LTC1628 Datasheet HTML 2Page - Linear Technology LTC1628 Datasheet HTML 3Page - Linear Technology LTC1628 Datasheet HTML 4Page - Linear Technology LTC1628 Datasheet HTML 5Page - Linear Technology LTC1628 Datasheet HTML 6Page - Linear Technology LTC1628 Datasheet HTML 7Page - Linear Technology LTC1628 Datasheet HTML 8Page - Linear Technology LTC1628 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC3728L-1
2
3728l1fc
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN).........................30V to – 0.3V
Input Supply Voltage (VIN) LTC3728LI-1....35V to – 0.3V
Top Side Driver Voltages
(BOOST1, BOOST2) ............................... 36V to –0.3V
(BOOST1, BOOST2) LTC3728LI-1.......... 38V to –0.3V
Switch Voltage (SW1, SW2) ........................... 30V to –5V
Switch Voltage (SW1, SW2) LTC3728LI-1... 35V to –0.3V
INTVCC, EXTVCC, RUN/SS1, RUN/SS2, (BOOST1-SW1),
(BOOST2-SW2), PGOOD ......................... 7V to –0.3V
INTVCC, EXTVCC LTC3728LI-1....................... 8V to –0.3V
SENSE1+, SENSE2+, SENSE1–,
SENSE2– Voltages .....................(1.1)INTVCC to –0.3V
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD NARROW PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS1
SENSE1+
SENSE–
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
TJMAX = 125°C, θJA = 95°C/W
32 31 30 29 28 27 26 25
9
10 11 12 13
TOP VIEW
33
14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
UH PACKAGE
32-LEAD (5mm
5mm) PLASTIC QFN
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 33) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3728LEGN-1#PBF
LTC3728LEGN-1#TRPBF
LTC3728LEGN-1
28-Lead Narrow Plastic SSOP
–40°C to 85°C
LTC3728LIGN-1#PBF
LTC3728LIGN-1#TRPBF
LTC3728LIGN-1
28-Lead Narrow Plastic SSOP
–40°C to 85°C
LTC3728LEUH-1#PBF
LTC3728LEUH-1#TRPBF
728LE1
32-Lead (5mm
× 5mm) Plastic DFN
–40°C to 85°C
LTC3728LIUH-1#PBF
LTC3728LIUH-1#TRPBF
3728L1
32-Lead (5mm
× 5mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3728LEGN-1
LTC3728LEGN-1#TR
LTC3728LEGN-1
28-Lead Narrow Plastic SSOP
–40°C to 85°C
LTC3728LIGN-1
LTC3728LIGN-1#TR
LTC3728LIGN-1
28-Lead Narrow Plastic SSOP
–40°C to 85°C
LTC3728LEUH-1
LTC3728LEUH-1#TR
728LE1
32-Lead (5mm
× 5mm) Plastic DFN
–40°C to 85°C
LTC3728LIUH-1
LTC3728LIUH-1#TR
3728L1
32-Lead (5mm
× 5mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PLLIN, PLLFLTR, FCB, Voltage.............. INTVCC to –0.3V
ITH1, ITH2, VOSENSE1, VOSENSE2 Voltages.... 2.7V to –0.3V
Peak Output Current <10μs (TG1, TG2, BG1, BG2).....3A
INTVCC Peak Output Current ..................................40mA
Operating Temperature Range (Note 7).... –40°C to 85°C
Junction Temperature (Note 2) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
Reflow Peak Body Temperature (UH Package)...... 260°C
Lead Temperature (Soldering, 10 sec)
GN Package ...................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com