Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1628
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 16Page - Linear Technology LTC1628 Datasheet HTML 17Page - Linear Technology LTC1628 Datasheet HTML 18Page - Linear Technology LTC1628 Datasheet HTML 19Page - Linear Technology LTC1628 Datasheet HTML 20Page - Linear Technology LTC1628 Datasheet HTML 21Page - Linear Technology LTC1628 Datasheet HTML 22Page - Linear Technology LTC1628 Datasheet HTML 23Page - Linear Technology LTC1628 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC3728L-1
20
3728l1fc
APPLICATIONS INFORMATION
ent temperature, conditions that cause the highest power
dissipation in the top MOSFET.
Each controller includes current foldback to help further
limit load current when the output is shorted to ground.
The foldback circuit is active even when the overload
shutdown latch described above is overridden. If the
output falls below 70% of its nominal output level, then
the maximum sense voltage is progressively lowered from
75mV to 17mV. Under short-circuit conditions with very
low duty cycles, the controller will begin cycle skipping
in order to limit the short-circuit current. In this situation
the bottom MOSFET will be dissipating most of the power
but less than in normal operation. The short-circuit ripple
current is determined by the minimum on-time tON(MIN)
of each controller (typically 100ns), the input voltage and
inductor value:
ΔIL(SC) = tON(MIN) (VIN/L)
The resulting short-circuit current is:
ISC =
25mV
RSENSE
–
1
2
IL(SC)
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
much higher than nominal levels. The crowbar causes huge
currents to flow, that blow the fuse to protect against a
shorted top MOSFET if the short occurs while the controller
is operating.
A comparator monitors the output for overvoltage con-
ditions. The comparator (OV) detects overvoltage faults
greater than 7.5% above the nominal output voltage. When
this condition is sensed, the top MOSFET is turned off and
the bottom MOSFET is turned on until the overvoltage
condition is cleared. The output of this comparator is
only latched by the overvoltage condition itself and will
therefore allow a switching regulator system having a poor
PC layout to function while the design is being debugged.
The bottom MOSFET remains on continuously for as long
as the OV condition persists; if VOUT returns to a safe level,
normal operation automatically resumes. A shorted top
MOSFET will result in a high current condition which will
open the system fuse. The switching regulator will regulate
properly with a leaky top MOSFET by altering the duty
cycle to accommodate the leakage.
Phase-Locked Loop and Frequency Synchronization
The IC has a phase-locked loop comprised of an internal
voltage controlled oscillator and phase detector. This al-
lows the top MOSFET turn-on to be locked to the rising
edge of an external source. The frequency range of the
voltage controlled oscillator is ± 50% around the center
frequency fO. A voltage of 1.2V applied to the PLLFLTR
pin corresponds to a frequency of approximately 400kHz.
The nominal operating frequency range of the IC is 260kHz
to 550kHz.
The phase detector used is an edge sensitive digital type
which provides zero degrees phase shift between the ex-
ternal and internal oscillators. This type of phase detector
will not lock up on input frequencies close to the harmonics
of the VCO center frequency. The PLL hold-in range, ΔfH,
is equal to the capture range, ΔfC:
ΔfH = ΔfC = ±0.5 fO (260kHz-550kHz)
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter network on the PLLFLTR pin.
If the external frequency (fPLLIN) is greater than the os-
cillator frequency f0SC, current is sourced continuously,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com