Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology LTC3402 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC1871X
6
1871xf
For more information www.linear.com/LTC1871X
TYPICAL PERFORMANCE CHARACTERISTICS
RUN Thresholds vs VIN
RUN Thresholds vs Temperature
RT vs Frequency
Frequency vs Temperature
Maximum Sense Threshold vs
Temperature
SENSE Pin Current vs
Temperature
INTVCC Load Regulation
INTVCC Line Regulation
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
275
280
285
290
295
300
305
310
315
320
325
330
1871x G12
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
140
145
150
155
160
1871x G13
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
25
26
27
28
29
30
31
32
33
34
35
1871x G14
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1871x G10
VIN (V)
0
1.2
1.3
1.4
10
20
30
40
1871x G09
1.5
FREQUENCY (kHz)
100
300
1000
1871x G11
10
100
200
1000
900
800
700
600
500
400
0
INTVCC LOAD (mA)
0
5.2
30
50
80
1871x G15
5.1
5.0
10
20
40
60
70
VIN = 7.5V
VIN (V)
0
5.1
5.2
5.3
10
20
30
40
1871x G16
5.4
5
15
25
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com