Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology LTC3402 Datasheet HTML 10Page - Linear Technology LTC3402 Datasheet HTML 11Page - Linear Technology LTC3402 Datasheet HTML 12Page - Linear Technology LTC3402 Datasheet HTML 13Page - Linear Technology LTC3402 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC1871X
10
1871xf
For more information www.linear.com/LTC1871X
Figure 3. LTC1871X Burst Mode Operation
(MODE/SYNC = 0V) at Low Output Current
Figure 4. LTC1871X Low Output Current Operation with
Burst Mode Operation Disabled (MODE/SYNC = INTVCC)
VOUT
50mV/DIV
IL
5A/DIV
10µs/DIV
1871x F03
VIN = 3.3V
VOUT = 5V
IOUT = 500mA
MODE/SYNC = 0V
(Burst Mode OPERATION)
VOUT
50mV/DIV
IL
5A/DIV
2µs/DIV
1871x F04
VIN = 3.3V
VOUT = 5V
IOUT = 500mA
MODE/SYNC = INTVCC
(PULSE-SKIP MODE)
Figure 5. MODE/SYNC Clock Input and Switching
Waveforms for Synchronized Operation
1871x F05
2V TO 7V
MODE/
SYNC
GATE
IL
tMIN = 25ns
0.8T
D = 40%
T
T = 1/fO
MOSFET RDS(ON). If the ITH pin drops below 0.30V, the
BurstModecomparatorB1willturnoffthepowerMOSFET
and scale back the quiescent current of the IC to 250µA
(sleep mode). In this condition, the load current will be
supplied by the output capacitor until the ITH voltage rises
above the 50mV hysteresis of the burst comparator. At
light loads, short bursts of switching (where the average
inductor current is 20% of its maximum value) followed
by long periods of sleep will be observed, thereby greatly
improving converter efficiency. Oscilloscope waveforms
illustrating Burst Mode operation are shown in Figure 3.
Pulse-Skip Mode Operation
With the MODE/SYNC pin tied to a DC voltage above 2V,
Burst Mode operation is disabled. The internal, 0.525V
buffered ITH burst clamp is removed, allowing the ITH
pin to directly control the current comparator from no
load to full load. With no load, the ITH pin is driven below
0.30V, the power MOSFET is turned off and sleep mode
is invoked. Oscilloscope waveforms illustrating this mode
of operation are shown in Figure 4.
When an external clock signal drives the MODE/SYNC
pin at a rate faster than the chip’s internal oscillator, the
oscillatorwillsynchronizetoit.Inthissynchronizedmode,
Burst Mode operation is disabled. The constant frequency
associated with synchronized operation provides a more
controlled noise spectrum from the converter, at the ex-
pense of overall system efficiency of light loads.
When the oscillator’s internal logic circuitry detects a
synchronizing signal on the MODE/SYNC pin, the in-
ternal oscillator ramp is terminated early and the slope
compensation is increased by approximately 30%. As
a result, in applications requiring synchronization, it is
recommended that the nominal operating frequency of
the IC be programmed to be about 75% of the external
clock frequency. Attempting to synchronize to too high an
external frequency (above 1.3fO) can result in inadequate
slopecompensationandpossiblesubharmonicoscillation
(or jitter).
The external clock signal must exceed 2V for at least 25ns,
and should have a maximum duty cycle of 80%, as shown
in Figure 5. The MOSFET turn on will synchronize to the
rising edge of the external clock signal.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com