Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 2 Page - Linear Technology

  LTC3855 Datasheet HTML 1Page - Linear Technology LTC3855 Datasheet HTML 2Page - Linear Technology LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3774
2
3774fc
For more information www.linear.com/LTC3774
http://www.linear.com/product/LTC3774#orderinfo
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................. –0.3V to 40V
HIZB Voltage.............................................. –0.3V to 40V
RUN, PGOOD, INTVCC Voltage ..................... –0.3V to 6V
SNSA1+, SNSA2+, SNSD1+,
SNSD2+, SNS1–, SNS2–........................–0.3V to INTVCC
INTVCC Peak Output Current..................................20mA
All Other Pin Voltages ...........................–0.3V to INTVCC
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
11 12 13 14
TOP VIEW
37
GND
UHE PACKAGE
36-LEAD (5mm × 6mm) PLASTIC QFN
15 16 17 18
36 35 34 33 32 31 30 29
21
22
23
24
25
26
27
28
8
7
6
5
4
3
2
1
ITEMP2
ITH2
VOSNS2–
VOSNS2+
TK/SS2
HIZB2
PWMEN2
PWM2
RUN2
GND
ITEMP1
ITH1
VOSNS1–
VOSNS1+
TK/SS1
HIZB1
PWMEN1
PWM1
RUN1
GND
20
19
9
10
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 37) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3774EUHE#PBF
LTC3774EUHE#TRPBF
3774
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LTC3774IUHE#PBF
LTC3774IUHE#TRPBF
3774
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com