Electronic Components Datasheet Search
  English  ▼

X  

LTC3855 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3855
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855 Datasheet(HTML) 3 Page - Linear Technology

  LTC3855 Datasheet HTML 1Page - Linear Technology LTC3855 Datasheet HTML 2Page - Linear Technology LTC3855 Datasheet HTML 3Page - Linear Technology LTC3855 Datasheet HTML 4Page - Linear Technology LTC3855 Datasheet HTML 5Page - Linear Technology LTC3855 Datasheet HTML 6Page - Linear Technology LTC3855 Datasheet HTML 7Page - Linear Technology LTC3855 Datasheet HTML 8Page - Linear Technology LTC3855 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3774
3
3774fc
For more information www.linear.com/LTC3774
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN = 5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop/Whole System
VIN
Input Voltage Range
4.5
38
V
VOUT
Output Voltage Range
l
0.6
3.5
V
VOSNS+
Regulated Feedback Voltage
ITH = 1.2V (Note 3)
l
595.5
600
604.5
mV
IOSNS+
Feedback Current
–30
–100
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4.5V to 38V
0.002
0.01
%/V
VLOADREG
Output Voltage Load Regulation
∆ITH = 1.2V to 0.7V
∆ITH = 1.2V to 1.6V
l
l
0.01
0.01
0.1
0.1
%
%
gm
Transconductance Amplifier gm
ITH = 1.2V, Sink/Source 5µA
2
mmho
f0dB
DA Unity-Gain Crossover Frequency
(Note 5)
4
MHz
VOVL
Feedback Overvoltage Lockout
Measured at VOSNS+
l
5
7.5
10
%
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 4)
VRUN = 0V
9
40
60
mA
µA
DFMAX
Maximum Duty Factor
In Dropout
96
98
%
UVLO
Undervoltage Lockout
VINTVCC Falling
3.5
3.75
4.0
V
UVLOHYS
UVLO Hysteresis
500
mV
ISNSA+
Sense Pin Bias Currents
VSNSA+ = 3.3V
±0.5
±2
µA
ISNSD+
Sense Pin Bias Currents
VSNSD+ = 3.3V
30
nA
ISNS–
Sense Pin Bias Currents
VSNS– = 3.3V
10
µA
AVT_SNS
Total Sense Signal Gain to Current
Comparator
5
V/V
ITEMP
DCR Tempco Compensation Current
VITEMP = 0.5V
l
27
30
33
µA
ITK/SS
Soft-Start Charge Current
VTK/SS = 0V
l
1
1.25
1.5
µA
tSS(INTERNAL)
Internal Soft-Start Time
VTK/SS = 5V
600
µs
VHIZB
HIZB Pin On Threshold
VHIZB Rising
2.2
V
VHIZB_HYS
HIZB Pin On Hysteresis
600
mV
VRUN
RUN Pin On Threshold
VRUN Rising
l
1.1
1.22
1.34
V
VRUN_HYS
RUN Pin On Hysteresis
80
mV
IRUN
RUN Pin Pull-Up Current
RUN < On Threshold
RUN > On Threshold
RUN < 1.1V
RUN > 1.34V
1
5
µA
µA
VSENSE(MAX)
Maximum Current Sense Threshold
ITH = 2V, VSNS– = 3.3V
ILIM = 0V
ILIM = 1/4 INTVCC
ILIM = Float
ILIM = 3/4 INTVCC
ILIM = INTVCC
l
l
l
l
l
9.25
14
19
24
28.25
10.25
15
20
25
29.75
11.25
16
21
26
31.25
mV
mV
mV
mV
mV
Power Good
VPGOOD(ON)
PGOOD Pull-Down Resistance
90
200
Ω
IPGOOD(OFF)
PGOOD Leakage Current
VPGOOD = 5V
–2
2
µA
tPGOOD
VPGOOD High to Low Delay
45
µs
VPGOOD
PGOOD Trip Level
VOSNS+ with Respect to Set Output Voltage
VOSNS+ Ramping Up
VOSNS+ Ramping Down
5
–5
7.5
–7.5
10
–10
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com