Electronic Components Datasheet Search
  English  ▼

X  

LTC3859 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3859
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859 Datasheet(HTML) 3 Page - Linear Technology

  LTC3859 Datasheet HTML 1Page - Linear Technology LTC3859 Datasheet HTML 2Page - Linear Technology LTC3859 Datasheet HTML 3Page - Linear Technology LTC3859 Datasheet HTML 4Page - Linear Technology LTC3859 Datasheet HTML 5Page - Linear Technology LTC3859 Datasheet HTML 6Page - Linear Technology LTC3859 Datasheet HTML 7Page - Linear Technology LTC3859 Datasheet HTML 8Page - Linear Technology LTC3859 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC3858-2
3
38582f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2
Transconductance Amplifier gm
(Note 4) ITH1,2 = 1.2V, Sink/Source = 5μA
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse-Skipping or Forced Continuous
Mode (One Channel On)
RUN1 = 5V and RUN2 = 0V, VFB1 = 0.83V (No Load) or
RUN1 = 0V and RUN2 = 5V, VFB2 = 0.83V (No Load)
1.3
mA
Pulse-Skipping or Forced Continuous
Mode (Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
2
mA
Sleep Mode (One Channel On)
RUN1 = 5V and RUN2 = 0V, VFB1 = 0.83V (No Load) or
RUN1 = 0V and RUN2 = 5V, VFB2 = 0.83V (No Load)
170
250
μA
Sleep Mode (Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
300
450
μA
Shutdown
RUN1,2 = 0V
8
20
μA
UVLO
Undervoltage Lockout
INTVCC Ramping Up
INTVCC Ramping Down
l
l
3.6
4.0
3.8
4.2
4
V
V
VOVL
Feedback Overvoltage Protection
Measured at VFB1,2, Relative to Regulated VFB1,2
710
13
%
ISENSE+
SENSE+ Pins Current
Each Channel
±1
μA
ISENSE–
SENSE– Pins Current
Each Channel
VOUT1,2 < INTVCC – 0.5V
VOUT1,2 > INTVCC + 0.5V
550
±1
μA
μA
DFMAX
Maximum Duty Factor
In Dropout, FREQ = 0V
98
99
%
ISS1,2
Soft-Start Charge Current
VSS1,2 = 0V
0.7
1.0
1.4
μA
VRUN1,2 On
RUN Pin On Threshold Voltage
VRUN1, VRUN2 Rising
l
1.21
1.26
1.31
V
VRUN1,2 Hyst RUN Pin Hysteresis Voltage
50
mV
VSENSE(MAX)
Maximum Current Sense
Threshold Voltage
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = 0
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = FLOAT
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = INTVCC
l
l
l
22
43
64
30
50
75
36
57
86
mV
mV
mV
Gate Driver
TG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG1,2
Pull-Up On-Resistance
Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG1,2 tr
TG1,2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG1,2 tr
BG1,2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
28
13
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
95
ns
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com