Electronic Components Datasheet Search
  English  ▼

X  

LTC3859 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3859
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3859 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3859 Datasheet HTML 32Page - Linear Technology LTC3859 Datasheet HTML 33Page - Linear Technology LTC3859 Datasheet HTML 34Page - Linear Technology LTC3859 Datasheet HTML 35Page - Linear Technology LTC3859 Datasheet HTML 36Page - Linear Technology LTC3859 Datasheet HTML 37Page - Linear Technology LTC3859 Datasheet HTML 38Page - Linear Technology LTC3859 Datasheet HTML 39Page - Linear Technology LTC3859 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC3858-2
40
38582f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 1110 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
High Efficiency 2-Phase 12V/150W Step-Down Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC3859
Low IQ, Triple Output Buck/Buck/Boost Synchronous
DC/DC Controller
Outputs (≥5V) Remain in Regulation Through Cold Crank 2.5V ≤ VIN ≤ 38V,
VOUT(BUCKS) Up to 24V, VOUT(BOOST) Up to 60V, IQ = 55μA,
LTC3868/LTC3868-1
Low IQ, Dual Output 2-Phase Synchronous Step-
Down DC/DC Controllers with 99% Duty Cycle
Phase-Lockable Fixed Operating Frequency 50kHz to 900kHz,
4V ≤ VIN ≤ 24V, 0.8V ≤ VOUT ≤ 14V, IQ = 170μA
LTC3857/LTC3857-1
Low IQ, Dual Output 2-Phase Synchronous Step-
Down DC/DC Controllers with 99% Duty Cycle
Phase-Lockable Fixed Operating Frequency 50kHz to 900kHz,
4V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 24V, IQ = 50μA,
LTC3890/LTC3890-1
60V, Low IQ, Dual 2-Phase Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
Phase-Lockable Fixed Operating Frequency 50kHz to 900kHz,
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50μA,
LTC3834/LTC3834-1
Low IQ, Synchronous Step-Down DC/DC Controllers Phase-Lockable Fixed Operating Frequency 140kHz to 650kHz,
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, IQ = 30μA,
LTC3835/LTC3835-1
Low IQ, Synchronous Step-Down DC/DC Controllers Phase-Lockable Fixed Operating Frequency 140kHz to 650kHz,
4V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, IQ = 80μA,
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
Phase-Lockable Fixed Operating Frequency 50kHz to 900kHz,
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50μA,
LTC3824
Low IQ, High Voltage DC/DC Controller, 100% Duty
Cycle
Selectable Fixed 200kHz to 600kHz Operating Frequency 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ VIN, IQ = 40μA, MSOP-10E
SENSE1+
SENSE1–
SENSE2–
SENSE2+
VFB1
ITH1
SGND
EXTVCC
VOUT
RUN1
RUN2
FREQ
SS2
SS1
ITH1
VFB1
VFB2
SS1
ILIM
PHASMD
CLKOUT
PLLIN/MODE
PGOOD1
PGOOD2
BG1
SW1
BOOST1
TG1
VIN
INTVCC
PGND
TG2
BG2
BOOST2
SW2
C1
1nF
RB1
698k
COUT1, COUT2: SANYO 16TQC22M
L1, L2: SUMIDA CDEP106-6ROM
MTOP1, MTOP2: INFINEON BSZ097N04LS
MBOT1, MBOT2: INFINEON BSZ097N04LS
CF1
10pF
CITH1A
68pF
CSS1
0.1μF
CITH1
3300pF
CINT
4.7μF
CB1
0.47μF
CB2
0.47μF
D1
VIN
19V TO 28V
D2
LTC3858-2
L1
6μH
L2
6μH
RSENSE1
5mΩ
RSENSE2
5mΩ
MBOT1
MTOP2
MTOP1
MBOT2
38582 TA07
100k
100k
INTVCC
COUT1
22μF
16V
VOUT
12V
12.5A
10μF
16V
CIN
10μF
50V
10μF
50V
COUT2
22μF
16V
10μF
16V
RA1
49.9k
RITH1
2.94k
C2
1nF
ITH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com