Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3758
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3758 Datasheet HTML 18Page - Linear Technology LT3758 Datasheet HTML 19Page - Linear Technology LT3758 Datasheet HTML 20Page - Linear Technology LT3758 Datasheet HTML 21Page - Linear Technology LT3758 Datasheet HTML 22Page - Linear Technology LT3758 Datasheet HTML 23Page - Linear Technology LT3758 Datasheet HTML 24Page - Linear Technology LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC3784
22
3784fb
For more information www.linear.com/LTC3784
applicaTions inForMaTion
exceeded. The INTVCC current, which is dominated by the
gate charge current, may be supplied by either the VBIAS
LDO or the EXTVCC LDO. When the voltage on the EXTVCC
pin is less than 4.8V, the VBIAS LDO is enabled. In this
case, power dissipation for the IC is highest and is equal
to VBIAS • IINTVCC. The gate charge current is dependent
on operating frequency, as discussed in the Efficiency
Considerations section. The junction temperature can be
estimated by using the equations given in Note 2 of the
Electrical Characteristics. For example, at 70°C ambient
temperature, the LTC3784 INTVCCcurrentislimitedtoless
than 21mA in the QFN package from a 60V VBIAS supply
when not using the EXTVCC supply:
TJ = 70°C + (21mA)(60V)(43°C/W) = 125°C
In an SSOP package, the INTVCC current is limited to
less than 11mA from a 60V supply when not using the
EXTVCC supply:
TJ = 70°C + (11mA)(60V)(80°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operating in continuous conduction mode (PLLIN/MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.8V, the
VIN LDO is turned off and the EXTVCC LDO is enabled. The
EXTVCC LDO remains on as long as the voltage applied to
EXTVCC remains above 4.55V. The EXTVCC LDO attempts
to regulate the INTVCC voltage to 5.4V, so while EXTVCC
is less than 5.4V, the LDO is in dropout and the INTVCC
voltage is approximately equal to EXTVCC. When EXTVCC
is greater than 5.4V, up to an absolute maximum of 14V,
INTVCC is regulated to 5.4V.
Figure 6. Using the SS Pin to Program Soft-Start
LTC3784
SS
CSS
SGND
3784 F06
INTVCC Regulators
The LTC3784 features two separate internal P-channel
low dropout linear regulators (LDO) that supply power at
the INTVCC pin from either the VBIAS supply pin or the
EXTVCC pin depending on the connection of the EXTVCC
pin. INTVCC powers the gate drivers and much of the
LTC3784’s internal circuitry. The VBIAS LDO and the
EXTVCC LDO regulate INTVCC to 5.4V. Each of these can
supplyatleast40mAandmustbebypassedtogroundwith
a minimum of 4.7μF ceramic capacitor. Good bypassing
is needed to supply the high transient currents required
by the MOSFET gate drivers and to prevent interaction
between the channels.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3784 to be
Figure 5. Setting Output Voltage
LTC3784
VFB
VOUT
RB
RA
3784 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com