Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3758
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 3 Page - Linear Technology

  LT3758 Datasheet HTML 1Page - Linear Technology LT3758 Datasheet HTML 2Page - Linear Technology LT3758 Datasheet HTML 3Page - Linear Technology LT3758 Datasheet HTML 4Page - Linear Technology LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3784
3
3784fb
For more information www.linear.com/LTC3784
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C, VBIAS = 12V, unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VBIAS
Chip Bias Voltage Operating Range
4.5
60
V
SENSE Pins Common Mode Range (BOOST
Converter Input Supply Voltage VIN)
2.3
60
V
VFB
Regulated Feedback Voltage
ITH = 1.2V (Note 4)
l
1.188
1.200
1.212
V
Feedback Current
(Note 4)
±5
±50
nA
Reference Line Voltage Regulation
VBIAS = 6V to 60V
0.002
0.02
%/V
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
Measured in Servo Loop;
ΔITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
Error Amplifier Transconductance
ITH = 1.2V
2
mmho
IQ
Input DC Supply Current
Pulse-Skipping or Forced Continuous Mode
Sleep Mode
Shutdown
(Note 5)
RUN = 5V; VFB = 1.25V (No Load)
RUN = 5V; VFB = 1.25V (No Load)
RUN = 0V
0.9
28
4
45
10
mA
µA
µA
SW Pin Current
VSW1,2 = 12V; VBOOST1,2 = 4.5V;
FREQ = 0V, Forced Continuous or
Pulse-Skipping Mode
700
µA
UVLO
INTVCC Undervoltage Lockout Thresholds
VINTVCC Ramping Up
VINTVCC Ramping Down
l
l
3.6
4.1
3.8
4.3
V
V
VRUN
RUN Pin ON Threshold
VRUN Rising
l
1.18
1.28
1.38
V
RUN Pin Hysteresis
100
mV
RUN Pin Hysteresis Current
VRUN > 1.28V
4.5
µA
RUN Pin Current
VRUN < 1.28V
0.5
µA
Soft-Start Charge Current
VSS = GND
7
10
13
µA
VSENSE1,2(MAX) Maximum Current Sense Threshold
VFB = 1.1V, ILIM = INTVCC
VFB = 1.1V, ILIM = Float
VFB = 1.1V, ILIM = GND
l
l
l
90
68
42
100
75
50
110
82
56
mV
mV
mV
Matching Between VSENSE1(MAX) and
VSENSE2(MAX)
VFB = 1.1V, ILIM = INTVCC
VFB = 1.1V, ILIM = Float
VFB = 1.1V, ILIM = GND
l
l
l
–12
–10
–9
0
0
0
12
10
9
mV
mV
mV
SENSE+ Pin Current
VFB = 1.1V, ILIM = Float
200
300
µA
SENSE– Pin Current
VFB = 1.1V, ILIM = Float
±1
µA
Top Gate Rise Time
CLOAD = 3300pF (Note 6)
20
ns
Top Gate Fall Time
CLOAD = 3300pF (Note 6)
20
ns
Bottom Gate Rise Time
CLOAD = 3300pF (Note 6)
20
ns
Bottom Gate Fall Time
CLOAD = 3300pF (Note 6)
20
ns
Top Gate Pull-Up Resistance
1.2
Ω
Top Gate Pull-Down Resistance
1.2
Ω
Bottom Gate Pull-Up Resistance
1.2
Ω
Bottom Gate Pull-Down Resistance
1.2
Ω
Top Gate Off to Bottom Gate On Switch-On
Delay Time
CLOAD = 3300pF (Each Driver)
30
ns
Bottom Gate Off to Top Gate On Switch-On
Delay Time
CLOAD = 3300pF (Each Driver)
30
ns
Maximum BG Duty Factor
96
%
tON(MIN)
Minimum BG On-Time
(Note 7)
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com