Electronic Components Datasheet Search
  English  ▼

X  

LTC3867 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3867
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3867 Datasheet(HTML) 1 Page - Linear Technology

  LTC3867 Datasheet HTML 1Page - Linear Technology LTC3867 Datasheet HTML 2Page - Linear Technology LTC3867 Datasheet HTML 3Page - Linear Technology LTC3867 Datasheet HTML 4Page - Linear Technology LTC3867 Datasheet HTML 5Page - Linear Technology LTC3867 Datasheet HTML 6Page - Linear Technology LTC3867 Datasheet HTML 7Page - Linear Technology LTC3867 Datasheet HTML 8Page - Linear Technology LTC3867 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC3807
1
3807fa
For more information www.linear.com/LTC3807
IOUT (A)
FIGURE 13 CIRCUIT
Burst Mode OPERATION
0
70
100
1
0.1
0.01
0.001
0.0001
10
3807 TA01b
50
40
30
20
0.01
0.1
1
10
0.001
10
60
80
90
VIN = 24V
VOUT = 12V
POWER LOSS
EFFICIENCY
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ, Synchronous
Step-Down Controller with 24V
Output Voltage Capability
The LTC®3807 is a high performance step-down switching
regulator DC/DC controller that drives an all N-channel
synchronous power MOSFET stage. A constant fre-
quencycurrentmodearchitectureallowsaphase-lockable
frequency of up to 750kHz.
The50μAno-loadquiescentcurrentextendsoperatingrun
timeinbattery-poweredsystems.OPTI-LOOP®compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC3807 features a precision 0.8V reference and power
good output indicator. A wide 4V to 38V input supply range
encompasses a wide range of intermediate bus voltages
andbatterychemistries. TheoutputvoltageoftheLTC3807
can be programmed between 0.8V to 24V.
The TRACK/SS pin ramps the output voltages during
start-up. Current foldback limits MOSFET heat dissipation
during short-circuit conditions. The PLLIN/MODE pin se-
lects among Burst Mode operation, pulse-skipping mode,
or continuous conduction mode at light loads.
Efficiency and Power Loss vs
Output Current
APPLICATIONS
n
Wide VIN Range: 4V to 38V (40V Abs Max)
n
Low Operating IQ: 50μA
n
Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 24V
n
RSENSE or DCR Current Sensing
n
Phase-Lockable Frequency (75kHz to 750kHz)
n
Programmable Fixed Frequency (50kHz to 900kHz)
n
Selectable Continuous, Pulse-Skipping or Low Ripple
Burst Mode® Operation at Light Load
n
Selectable Current Limit
n
Very Low Dropout Operation: 99% Duty Cycle
n
Adjustable Output Voltage Soft-Start or Tracking
n
Power Good Output Voltage Monitor
n
Output Overvoltage Protection
n
Low Shutdown IQ: 14μA
n
Internal LDO Powers Gate Drive from VIN or EXTVCC
n
No Current Foldback During Start-Up
n
Small 20-Pin 3mm × 4mm QFN and TSSOP Packages
n
Automotive Always-On Systems
n
Battery Powered Digital Devices
n
Distributed DC Power Systems
L
, LT, LTC, LTM, OPTI-LOOP, Burst Mode, Linear Technology and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Patents, including 5481178, 5705919, 6611131, 6498466, 6580258,
7230497.
0.1µF
22µF
VIN
12.5V TO 38V
60.4k
15.4k
4.7nF
100k
6.98k
3807 TA01a
2.2µF
47pF
0.1µF
FREQ
ITH
SGND
EXTVCC
VOUT
LTC3807
VIN
INTVCC
10µH
4m
INTVCC
BOOST
SW
BG
PGND
SENSE–
SENSE+
TG
100k
150µF
VOUT
12V
10A
TRACK/SS
VFB
PGOOD
High Efficiency 12V/10A Step-Down Converter


Similar Part No. - LTC3867

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3867 LINER-LTC3867 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3867 LINER-LTC3867 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3867 LINER-LTC3867 Datasheet
389Kb / 36P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3867

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
Low IQ, 60V Synchronous Step-Down Controller
LTC3807 LINER-LTC3807_15 Datasheet
414Kb / 32P
Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
30A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
30A IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
Low IQ Synchronous Step-Down Controller
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com