Electronic Components Datasheet Search
  English  ▼

X  

LTC3867 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3867
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3867 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3867 Datasheet HTML 18Page - Linear Technology LTC3867 Datasheet HTML 19Page - Linear Technology LTC3867 Datasheet HTML 20Page - Linear Technology LTC3867 Datasheet HTML 21Page - Linear Technology LTC3867 Datasheet HTML 22Page - Linear Technology LTC3867 Datasheet HTML 23Page - Linear Technology LTC3867 Datasheet HTML 24Page - Linear Technology LTC3867 Datasheet HTML 25Page - Linear Technology LTC3867 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC3807
22
3807fa
For more information www.linear.com/LTC3807
4. EXTVCCConnectedtoanOutput-DerivedBoostNetwork.
For 3.3V and other low voltage regulators, efficiency
gains can still be realized by connecting EXTVCC to an
output-derivedvoltagethathasbeenboostedtogreater
than 4.7V. This can be done with the capacitive charge
pump shown in Figure 8. Ensure that EXTVCC < VIN.
APPLICATIONS INFORMATION
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor, CB, connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFET.CapacitorCBintheFunctionalDiagramischarged
though external diode DB from INTVCC when the SW pin
is low. When the topside MOSFET is to be turned on, the
driver places the CB voltage across the gate-source of
the MOSFET. This enhances the top MOSFET switch and
turns it on. The switch node voltage, SW, rises to VIN and
the BOOST pin follows. With the topside MOSFET on, the
boost voltage is above the input supply: VBOOST = VIN +
VINTVCC. The value of the boost capacitor, CB, needs to be
100 times that of the total input capacitance of the top-
side MOSFET(s). The reverse breakdown of the external
Schottky diode must be greater than VIN(MAX).
When adjusting the gate drive level, the final arbiter is the
total input current for the regulator. If a change is made
and the input current decreases, then the efficiency has
improved. If there is no change in input current, then there
is no change in efficiency.
EXTVCC
VIN
TG
SW
BG
PGND
LTC3807
RSENSE
VOUT
NDS7002
COUT
3807 F08
MBOT
MTOP
CIN
L
BAT85
BAT85
BAT85
Figure 8. Capacitive Charge Pump for EXTVCC
Fault Conditions: Current Limit and Current Foldback
The LTC3807 includes current foldback to help limit
load current when the output is shorted to ground. If
the output voltage falls below 70% of its nominal output
level, then the maximum sense voltage is progressively
lowered from 100% to 45% of its maximum selected
value. Under short-circuit conditions with very low duty
cycles, the LTC3807 will begin cycle skipping in order to
limit the short-circuit current. In this situation the bottom
MOSFET will be dissipating most of the power but less
than in normal operation. The short-circuit ripple current
is determined by the minimum on-time, tON(MIN), of the
LTC3807 (≈95ns), the input voltage and inductor value:
DIL(SC) = tON(MIN)
VIN
L


The resulting average short-circuit current is:
ISC = 45%•ILIM(MAX)–
1
2
DIL(SC)
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
muchhigherthannominallevels.Thecrowbarcauseshuge
currents to flow, that blow the fuse to protect against a
shorted top MOSFET if the short occurs while the control-
ler is operating.
A comparator monitors the output for overvoltage condi-
tions. The comparator detects faults greater than 10%
above the nominal output voltage. When this condition
is sensed, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared. The bottom MOSFET remains on continuously
for as long as the overvoltage condition persists; if VOUT
returns to a safe level, normal operation automatically
resumes.
AshortedtopMOSFETwillresultinahighcurrentcondition
which will open the system fuse. The switching regulator
will regulate properly with a leaky top MOSFET by altering
the duty cycle to accommodate the leakage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com