Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 3 Page - Linear Technology

  LTM4677 Datasheet HTML 1Page - Linear Technology LTM4677 Datasheet HTML 2Page - Linear Technology LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3870-1
3
38701f
For more information www.linear.com/LTC3870-1
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 15V, VRUN0,VRUN1 = 3.3V, fSYNC = 350kHz
(externally driven) unless otherwise specified.
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIILIMIT
Maximum Current Sense Threshold (High Range) VITH = 2.22V, ILIM = INTVCC
l
70
75
80
mV
Maximum Current Sense Threshold (Low Range) VITH = 2.22V, ILIM = GND
l
45
50
55
mV
PWM Outputs
PWM
PWM Output High Voltage
PWM Output Low Voltage
PWM Output Current in Hi-Z State
ILOAD = 500µA
ILOAD = –500µA
l
l
VCC – 0.2
–5
0.2
5
V
V
µA
tON(MIN)
Minimum On-Time
(Note 5)
90
ns
INTVCC Regulator
VINTVCC_VIN
Internal VCC Voltage No Load
6.0V < VIN < 60V, VEXTVCC = 0V
4.85
5.1
5.35
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.8
±2
%
VINTVCC_EXT
Internal VCC Voltage No Load
VEXTVCC = 8.5V (Note 6)
4.85
5.1
5.35
V
VLDO EXT
EXTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 8.5V
0.5
±2
%
VEXTVCC
EXTVCC Switchover Voltage
VEXTVCC Ramping Positive (Note 6)
4.65
4.8
4.95
V
VHYS_EXTVCC
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
fSYNC
Oscillator SYNC Range
l
100
1000
kHz
VTH,SYNC
SYNC Input Threshold
VTH,SYNC Falling (Note 7)
VTH,SYNC Rising
0.4
2.0
V
V
fNOM
Nominal Frequency
VFREQ = 1.0V
500
kHz
IFREQ
FREQ Setting Current
9
10
11
µA
θSYNC-θ0
SYNC to Ch0 Phase Relationship Based on the
Falling Edge of SYNC and Rising Edge of PWM0
PHASMD =0
PHASMD = 1/3 INTVCC
PHASMD = 2/3 INTVCC
PHASMD = INTVCC
180
60
120
90
Deg
Deg
Deg
Deg
θSYNC-θ1
SYNC to Ch1 Phase Relationship Based on the
Falling Edge of SYNC and Rising Edge of PWM1
PHASMD = 0
PHASMD = 1/3 INTVCC
PHASMD = 2/3 INTVCC
PHASMD = INTVCC
0
300
240
270
Deg
Deg
Deg
Deg
Digital Inputs RUN0/RUN1, MODE0/MODE1, FAULT0/FAULT1
VIH
Input High Threshold Voltage
l
2.0
V
VIL
Input Low Threshold Voltage
l
1.4
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3870-1 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3870E-1 is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3870I-1 is guaranteed over the full –40°C to 125°C operating
junction temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the related package thermal
impedance and other environmental factors. The junction temperature TJ
is calculated from the ambient temperature TA and power dissipation PD
according to the following formula:
TJ = TA + (PD • 46.9°C/W)
Note 3: When VIN >15V, EXTVCC is recommended to reduce IC Temperature.
Note 4: Output voltage is set and controlled by the master controller in
multiphase operations.
Note 5: The minimum on-time condition corresponds to an inductor
peak-to-peak ripple current ≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 6: EXTVCC is enabled only if VIN is higher than 6.5V.
Note 7: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com