Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4677
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 5 Page - Linear Technology

  LTM4677 Datasheet HTML 1Page - Linear Technology LTM4677 Datasheet HTML 2Page - Linear Technology LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3870-1
5
38701f
For more information www.linear.com/LTC3870-1
Typical perForMance characTerisTics
Start-Up into a Pre-Biased Load
2-Phase Operation LTC3887-1
and LTC3870-1
Current Sense Threshold
vs ITH Voltage
INTVCC Line Regulation
DC Output Current Matching in
a 4-Phase Operation
LTC3887-1 and LTC3870-1
Dynamic Current Sharing During a
Load Transient in a 4-Phase System
LTC3887-1 and LTC3870-1
Quiescent Current vs Input
Voltage without EXTVCC
2ms/DIV
RUN
ALL RUN PINS
TIED TOGETHER
2V/DIV
VOUT
LTC3870–1
IN DCM
500mV/DIV
38701 G07
VIN = 12V
VOUT = 1.8V
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
0
1.0
2.0
3.0
4.0
5.0
6.0
38701 G09
LTC3887–1 CH0
LTC3887–1 CH1
LTC3870–1 CH0
LTC3870–1 CH1
TOTAL OUTPUT CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
38701 G10
50µs/DIV
LTC3887–1 CH0
10A/DIV
LTC3887–1 CH1
10A/DIV
LTC3870–1 CH0
10A/DIV
LTC3870–1 CH1
10A/DIV
38701 G11
VIN = 12V
VOUT = 1.0V
ILOAD = 0A TO 32A TO 0A
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
38701 G12
VITH (V)
0
–40
60
40
20
0
–20
80
0.5
1
1.5
2
2.5
38701 G08
RANGE LOW
RANGE HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com