Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3891
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC3807
9
3807fa
For more information www.linear.com/LTC3807
PIN FUNCTIONS
PLLIN/MODE (Pin 1/Pin 3): External Synchronization
Input to Phase Detector and Forced Continuous Mode
Input. When an external clock is applied to this pin, the
phase-locked loop will force the rising TG signal to be
synchronized with the rising edge of the external clock,
and the regulator operates in forced continuous mode.
When not synchronizing to an external clock, this input
determines how the LTC3807 operates at light loads. Pull-
ing this pin to ground selects Burst Mode operation. An
internal 100k resistor to ground also invokes Burst Mode
operation when the pin is floated. Tying this pin to INTVCC
forces continuous inductor current operation. Tying this
pin to a voltage greater than 1.2V and less than INTVCC
–1.3V selects pulse-skipping operation.
SGND (Pins 2, 3, Exposed Pad Pin 21/Pins 4, 5,
ExposedPadPin21):Small-signalground,mustberouted
separately from high current grounds to the common (–)
terminals of the CIN capacitor. Pins 2, 3/4, 5, must both be
electrically connected to small signal ground for proper
operation. The exposed pad must be soldered to PCB
ground for rated thermal performance.
RUN (Pin 4/Pin 6): Run Control Input. Forcing this pin
below 1.16V shuts down the controller. Forcing this pin
below 0.7V shuts down the entire LTC3807, reducing
quiescent current to approximately 14µA.
SENSE– (Pin 5/Pin 7): The (–) Input to the Differential
Current Comparator. When greater than INTVCC – 0.5V, the
SENSE– pin supplies power to the current comparator.
SENSE+ (Pin 6/Pin 8): The (+) input to the differential
current comparator is normally connected to DCR sensing
networkorcurrentsensingresistor.TheITHpinvoltageand
controlledoffsetsbetweentheSENSE–andSENSE+pinsin
conjunction with RSENSE set the current trip threshold.
VFB (Pin 7/Pin 9): Receives the remotely sensed feed-
back voltage from an external resistive divider across
the output.
ITH (Pin 8/Pin 10): Error Amplifier Outputs and Switching
Regulator Compensation Point. The current comparator
trip point increases with this control voltage.
PGOOD (Pin 9/Pin 11): Open-Drain Logic Output. PGOOD
is pulled to ground when the voltage on the VFB pin is not
within 10% of its set point.
TG (Pin 10/Pin 12): High Current Gate Drives for Top
N-channel MOSFET. This is the output of floating driver
with a voltage swing equal to INTVCC superimposed on
the switch node voltage SW.
SW (Pin 11/ Pin 13): Switch Node Connection to Induc-
tor.
BOOST (Pin 12/Pin 14): Bootstrapped Supply to the Top-
side Floating Driver. A capacitor is connected between the
BOOST and SW pin and a Schottky diode is tied between
the BOOST and INTVCC pins. Voltage swing at the BOOST
pin is from INTVCC to (VIN + INTVCC).
BG (Pin 13/Pin 15): High Current Gate Drive for Bottom
(Synchronous) N-channel MOSFET. Voltage swing at this
pin is from ground to INTVCC.
INTVCC (Pin 14/Pin 16): Output of the Internal Linear
Low Dropout Regulator. The driver and control circuits
are powered from this voltage source. Must be decoupled
to PGND with a minimum of 2.2µF ceramic or other low
ESR capacitor. Do not use the INTVCC pin for any other
purpose.
(QFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com