Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3891
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
LTC3807
34
3807fa
For more information www.linear.com/LTC3807
LINEAR TECHNOLOGY CORPORATION 2014
LT 1015 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3807
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC3857/LTC3857-1
Low IQ, Dual Output 2-Phase Synchronous Step-Down
DC/DC Controllers with 99% Duty Cycle
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 50µA
LTC3858/LTC3858-1
Low IQ, Dual Output 2-Phase Synchronous Step-Down
DC/DC Controllers with 99% Duty Cycle
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 170µA, Short-Circuit Latchoff
LTC3868/LTC3868-1
Low IQ, Dual Output 2-Phase Synchronous Step-Down
DC/DC Controller with 99% Duty Cycle
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 24V,
0.8V ≤ VOUT ≤ 14V, IQ = 170µA, Short-Circuit Latchoff
LTC3834/LTC3834-1
Low IQ, Single Output Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
Phase-Lockable Fixed Frequency 140kHz to 650kHz, 4V ≤ VIN ≤ 36V,
0.8V ≤ VOUT ≤ 10V, IQ = 30µA
LTC3859AL
Low IQ, Triple Output Buck/Buck/Boost Synchronous
DC/DC Controller
All Outputs Remain in Regulation Through Cold Crank, 2.5V ≤ VIN
≤ 38V, VOUT(BUCKS) Up to 24V, VOUT(BOOST) Up to 60V, IQ = 28µA
LTC3867
Synchronous Step-Down DC/DC Controller with
Nonlinear Control and Remote Sense
Fast Transient Response, tON(MIN) = 65ns, 4V ≤ VIN ≤ 38V,
0.6V ≤ VOUT ≤ 14V, 4mm × 4mm QFN-24
LTC3864
Low IQ, High Voltage Step-Down DC/DC Controller
with 100% Duty Cycle
Fixed Frequency 50kHz to 850kHz, 3.5V≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ VIN,
IQ = 40µA, MSOP-12E, 3mm × 4mm DFN-12
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC
Controller
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V,
IQ = 50µA
LTC3890/LTC3890-1/
LTC3890-2/LTC3890-3
60V, Low IQ, Dual Output 2-Phase Synchronous Step-
Down DC/DC Controller
Phase-Lockable Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, IQ = 50µA
0.1µF
CIN
22µF
VIN
9V TO 38V
VOUT
INTVCC
34.8k
470pF
100k
100k
MTOP, MBOT: Si7850DP
L1 COILCRAFT SER1360-802KL
COUT: SANYO 10TPE330M
D1: DFLS1100
10.5k
3807 F14
2.2µF
D1
0.1µF
FREQ
ITH
SGND
SGND
LTC3807
VIN
PGOOD
RUN
ILIM
EXTVCC
PLLIN/MODE
INTVCC
PGND
L1
8µH
RSENSE
10m
BOOST
SW
BG
SENSE+
SENSE–
VFB
TG
MTOP
MBOT
1nF
VOUT
8.5V
3A
TRACK/SS
350kHz
COUT
330µF
10µF
+
Figure 14. High Efficiency 8.5V Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com