Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3882
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3882 Datasheet(HTML) 1 Page - Linear Technology

  LTC3882 Datasheet HTML 1Page - Linear Technology LTC3882 Datasheet HTML 2Page - Linear Technology LTC3882 Datasheet HTML 3Page - Linear Technology LTC3882 Datasheet HTML 4Page - Linear Technology LTC3882 Datasheet HTML 5Page - Linear Technology LTC3882 Datasheet HTML 6Page - Linear Technology LTC3882 Datasheet HTML 7Page - Linear Technology LTC3882 Datasheet HTML 8Page - Linear Technology LTC3882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC3874-1
1
38741f
For more information www.linear/LTC3874-1
PWM0
PWM1
LTC3874-1
INTVCC
0.22µF
VCC0
VCC1
PHASMD
LDWDCR
ILIM
FREQ
GND
RUN0
SYNC
RUN1
FAULT0
FAULT1
RUN0
649
(0.29m DCR)
0.215µH
(0.29m DCR)
0.215µH
FAULT0
FAULT1
RUN1
SYNC
REFER TO LTC3884-1 DATA SHEET
FOR MASTER SETUP
PIN NOT USED IN THIS CIRCUIT: EXTVCC
ITH0
ITH1
VSENSE0+
1.8V
100µF
×3
100µF
×3
470µF
×2
470µF
×2
LTC3884-1
ISENSE0+
ISENSE0–
ISENSE1+
ISENSE1–
ITH0
ITH1
VSENSE1+
VIN
7V TO 14V
VOUT
1.8V
120A
VIN
PGOOD0
PGOOD1
MODE0
MODE1
38741 TA01a
100k
DrMOS
DrMOS
+
0.22µF
4.7µF
+
649
VIN = 12V
VOUT = 1.8V
fSW = 425kHz
CCM
EFFICIENCY
POWER LOSS
0.29mΩ
1.5mΩ
0.29mΩ
1.5mΩ
LOAD CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100 110 120
70
75
80
85
90
95
100
2
5
8
11
14
17
20
38741 TA01b
Typical applicaTion
FeaTures
DescripTion
PolyPhase Step-Down
Synchronous Slave Controller with
Sub-Milliohm DCR Sensing
The LTC®3874-1 is a dual PolyPhase® current mode syn-
chronous step-down slave controller. It enables high cur-
rent,multiphaseapplicationswhenpairedwithacompanion
master controller by extending the phase count. Compat-
ible master controllers include the LTC3884-1, LTC3774,
LTC3875,LTC3877andLTC3866.TheLTC3874-1employs
a unique architecture that enhances the signal-to-noise
ratio of the current sense signal, allowing the use of sub-
milliohm DC resistance power inductors to maximize
efficiency while reducing switching jitter. Its peak current
mode architecture allows for accurate phase-to-phase
current sharing even for dynamic loads.
Effectivelyworkingwithamastercontroller,theLTC3874-1
supports all the programmable features as well as fault
protection.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, PolyPhase and µModule are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners. Protected by U.S. Patents, including 5481178, 5705919, 5929620, 6144194, 6177787,
6580258, 5408150.
applicaTions
n
High Current Distributed Power Systems
n
Telecom, Datacom and Storage Systems
n
Intelligent Energy Efficient Power Regulation
High Efficiency, 4-Phase 1.8V/120A Step-Down Supply
n
Phase Extender for High Phase Count Voltage Rails
n
Operates with Power Blocks, DrMOS or External
Gate Drivers and MOSFETs
n
Accurate Phase-to-Phase Current Sharing
n
Sub-Milliohm DCR Current Sensing
n
Phase-Lockable Fixed Frequency 250kHz to 1MHz
n
Immediate Response to Master IC's Fault
n
Up to 12-Phase Operation
n
Wide VIN Range: 4.5 to 38V
n
VOUT Range : Up to 3.5V (LOWDCR Pin High)
Up to 5.5V (LOWDCR Pin Low)
n
Proprietary Current Mode Control Loop
n
Programmable CCM/DCM Operation
n
Programmable Phase Shift Control
n
24-Lead (4mm × 4mm) QFN Package
4-Phase Efficiency and Power
Loss vs Output Current, Sub-
Milliohm DCR vs Traditional
DCR


Similar Part No. - LTC3882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3882 LINER-LTC3882 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3882 LINER-LTC3882 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3882 LINER-LTC3882 Datasheet
3Mb / 128P
Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
logo
Analog Devices
LTC3882 AD-LTC3882 Datasheet
1Mb / 116P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
09/19-REV.F
LTC3882 AD-LTC3882 Datasheet
2Mb / 110P
Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
More results

Similar Description - LTC3882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com