Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3882
Description  PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3882 Datasheet(HTML) 5 Page - Linear Technology

  LTC3882 Datasheet HTML 1Page - Linear Technology LTC3882 Datasheet HTML 2Page - Linear Technology LTC3882 Datasheet HTML 3Page - Linear Technology LTC3882 Datasheet HTML 4Page - Linear Technology LTC3882 Datasheet HTML 5Page - Linear Technology LTC3882 Datasheet HTML 6Page - Linear Technology LTC3882 Datasheet HTML 7Page - Linear Technology LTC3882 Datasheet HTML 8Page - Linear Technology LTC3882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3874-1
5
38741f
For more information www.linear/LTC3874-1
Typical perForMance characTerisTics
INTVCC Line Regulation
Undervoltage Lockout Threshold
(INTVCC vs Threshold)
Current Sense Threshold vs
ITH Voltage
Quiescent Current vs Input
Voltage without EXTVCC
Maximum Current Sense Threshold
vs Common Mode Voltage
(LOWDCR = INTVCC, VITH = 2.18V)
Quiescent Current vs Temperature
without EXTVCC
Inductor Current at Light Load
Start-Up Into a Prebiased Load
2-Phase Operation LTC3884-1
and LTC3874-1
(TA = 25°C unless otherwise specified)
VITH (V)
0
–40
–20
0
20
40
60
100
80
0.5
1
2.5
1.5
3
2
38741 G10
LOWDCR = L, RANGE = H
LOWDCR = H,
RANGE = L
LOWDCR = H,
RANGE = H
LOWDCR = L,
RANGE = L
VISENSE COMMON MODE VOLTAGE (V)
0
10
15
3.5
5
0
1.0
0.5
2.0
2.5
3.0
1.5
20
25
30
38741 G11
ILIM = GND
ILIM = INTVCC
TEMPERATURE (°C)
–50
4.1
3.9
2.9
3.7
2.7
3.1
3.5
2.5
3.3
95
38741 G12
–5
45
125
FALLING
RISING
VIN = 12V
VOUT = 1.2V
1µs/DIV
DISCONTINUOUS
CONDUCTION
MODE
5A/DIV
FORCED
CONTINUOUS
MODE
5A/DIV
38741 G06
VIN 12V
VOUT = 1.2V
2ms/DIV
RUN
ALL RUN PINS
TIED TOGETHER
2V/DIV
VOUT
IN CCM
500mV/DIV
38741 G07
TEMPERATURE (°C)
–50
0
50
100
150
3
4
5
6
38741 G8
INPUT VOLTAGE (V)
0
10
20
30
40
0
1
2
3
4
5
6
38741 G9
INPUT VOLTAGE (V)
0
10
20
30
40
3
4
5
6
38741 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com