Electronic Components Datasheet Search
  English  ▼

X  

LTC3886 Datasheet(PDF) 92 Page - Linear Technology

Part # LTC3886
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 92 Page - Linear Technology

Back Button LTC3886 Datasheet HTML 88Page - Linear Technology LTC3886 Datasheet HTML 89Page - Linear Technology LTC3886 Datasheet HTML 90Page - Linear Technology LTC3886 Datasheet HTML 91Page - Linear Technology LTC3886 Datasheet HTML 92Page - Linear Technology LTC3886 Datasheet HTML 93Page - Linear Technology LTC3886 Datasheet HTML 94Page - Linear Technology LTC3886 Datasheet HTML 95Page - Linear Technology LTC3886 Datasheet HTML 96Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
LTC3882-1
92
Rev A
For more information www.analog.com
READ_IOUT
The READ_IOUT command returns the output current in amperes. This value is computed from:
• The differential voltage measured across the ISENSE± pins
• The IOUT_CAL_GAIN value
• The MFR_IOUT_CAL_GAIN_TC value
• The READ_TEMPERATURE_1 value
• The MFR_TEMP_1_GAIN value
• The MFR_TEMP_1_OFFSET value
This read-only command has two data bytes in Linear_5s_11s format.
MFR_IOUT_PEAK
The MFR_IOUT_PEAK command reports the highest current, in amperes, calculated for READ_IOUT. This peak value
can be reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_5s_11s format.
READ_POUT
The READ_POUT command reports the output power in watts. The value is calculated from the product of the most
recent correlated output voltage and current readings.
This read-only command has two data bytes in Linear_5s_11s format.
READ_TEMPERATURE_1
The READ_TEMPERATURE_1 command returns the temperature, in degrees Celsius, of the external sense element.
This read-only command has two data bytes in Linear_5s_11s format.
MFR_TEMPERATURE_1_PEAK
The MFR_TEMPERATURE_1_PEAK command reports the highest temperature, in degrees Celsius, calculated for
READ_TEMPERATURE_1. This peak value can be reset by a MFR_CLEAR_PEAKS command.
This read-only command has two data bytes in Linear_5s_11s format.
READ_TEMPERATURE_2
The READ_TEMPERATURE_2 command returns the LTC3882-1 internal temperature in degrees Celsius.
This read-only command has two data bytes in Linear_5s_11s format.
PMBus COMMAND DETAILS (Telemetry)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com