Electronic Components Datasheet Search
  English  ▼

X  

LTC3886 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3886
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3886 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3886 Datasheet HTML 36Page - Linear Technology LTC3886 Datasheet HTML 37Page - Linear Technology LTC3886 Datasheet HTML 38Page - Linear Technology LTC3886 Datasheet HTML 39Page - Linear Technology LTC3886 Datasheet HTML 40Page - Linear Technology LTC3886 Datasheet HTML 41Page - Linear Technology LTC3886 Datasheet HTML 42Page - Linear Technology LTC3886 Datasheet HTML 43Page - Linear Technology LTC3886 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 108 page
background image
LTC3882-1
40
Rev A
For more information www.analog.com
PMBus COMMAND SUMMARY
Table 7. PMBus Command Summary
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
SEE
PAGE
STATUS_TEMPERATURE
0x7D External temperature fault and warning
status.
R/W Byte
Y
Reg
88
STATUS_CML
0x7E Communication, memory and logic fault
and warning status.
R/W Byte
N
Reg
88
STATUS_MFR_ SPECIFIC
0x80 LTC3882-1-specific status.
R/W Byte
Y
Reg
89
READ_VIN
0x88 Measured VIN.
R Word
N
L11
V
91
READ_VOUT
0x8B Measured VOUT.
R Word
Y
L16
V
91
READ_IOUT
0x8C Measured IOUT.
R Word
Y
L11
A
92
READ_TEMPERATURE_1
0x8D Measured external temperature.
R Word
Y
L11
°C
92
READ_TEMPERATURE_2
0x8E Measured internal temperature.
R Word
N
L11
°C
92
READ_DUTY_CYCLE
0x94 Measured commanded PWM duty cycle.
R Word
Y
L11
%
93
READ_FREQUENCY
0x95 Measured PWM input clock frequency.
R Word
Y
L11
kHz
93
READ_POUT
0x96 Calculated output power.
R Word
Y
L11
W
92
PMBUS_REVISION
0x98 Supported PMBus version.
R Byte
N
Reg
0x22
V1.2
71
MFR_ID
0x99 Manufacturer identification.
R String
N
ASC
LTC
103
MFR_MODEL
0x9A LTC model number.
R String
N
ASC
LTC3882-1
103
MFR_SERIAL
0x9E Device serial number.
R Block
N
ASC
103
LTC3882-1 Custom Commands
MFR_VOUT_MAX
0xA5 Maximum value of any VOUT related
command.
R Word
Y
L16
V
5.6V
0x599A
79
USER_DATA_00
0xB0 EEPROM word reserved for LTpowerPlay. R/W Word
N
Reg
l
103
USER_DATA_01
0xB1 EEPROM word reserved for LTpowerPlay. R/W Word
Y
Reg
l
103
USER_DATA_02
0xB2 EEPROM word reserved for OEM use.
R/W Word
N
Reg
l
103
USER_DATA_03
0xB3 EEPROM word available for general data
storage.
R/W Word
Y
Reg
l
0x0000
103
USER_DATA_04
0xB4 EEPROM word available for general data
storage.
R/W Word
N
Reg
l
0x0000
103
MFR_INFO
0xB6 Manufacturing Specific Information
R Word
N
Reg
NA
90
MFR_EE_UNLOCK
0xBD (contact the factory)
103
MFR_EE_ERASE
0xBE (contact the factory)
103
MFR_EE_DATA
0xBF (contact the factory)
103
MFR_CHAN_CONFIG_
LTC3882-1
0xD0 LTC3882-1 channel-specific
configuration.
R/W Byte
Y
Reg
l
0x1D
76
MFR_CONFIG_ALL_LTC3882-1 0xD1 LTC3882-1 device-level configuration.
R/W Byte
N
Reg
l
0x01
72
MFR_FAULT_PROPAGATE_
LTC3882-1
0xD2 Configure LTC3882-1 status propagation
via FAULTn pins.
R/W Word
Y
Reg
l
0x6993
99
MFR_VOUT_AVP
0xD3 Specify VOUT load line.
R/W Word
Y
L11
%
l
0%
0x8000
80
MFR_PWM_MODE_LTC3882-1 0xD4 LTC3882-1 channel-specific PWM mode
control.
R/W Byte
Y
Reg
l
0xC8
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com