Electronic Components Datasheet Search
  English  ▼

X  

LTC3810 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3810
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3810 Datasheet HTML 4Page - Linear Technology LTC3810 Datasheet HTML 5Page - Linear Technology LTC3810 Datasheet HTML 6Page - Linear Technology LTC3810 Datasheet HTML 7Page - Linear Technology LTC3810 Datasheet HTML 8Page - Linear Technology LTC3810 Datasheet HTML 9Page - Linear Technology LTC3810 Datasheet HTML 10Page - Linear Technology LTC3810 Datasheet HTML 11Page - Linear Technology LTC3810 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3895
8
3895fa
For more information www.linear.com/LTC3895
Typical perForMance characTerisTics
Quiescent Current vs Temperature
Oscillator Frequency
vs Temperature
SS Pull-Up Current
vs Temperature
Boost Charge Pump Voltage
vs SW Voltage
BOOST Charge Pump Charging
Current vs Frequency
BOOST Charge Pump Charging
Current vs SW Voltage
DRVCC Line Regulation
Shutdown Current vs Temperature
Shutdown Current
vs Input Voltage
DRVSET = INTVCC
DRVSET = 0V
No NDRV FET
EXTVCC = 0V
NDRV FET
INPUT VOLTAGE (V)
0 15 30 45 60 75 90 105 120 135 150
5
6
7
8
9
10
11
3895 G19
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
2
4
6
8
10
12
14
16
18
20
3895 G20
VIN = 6.3V
INPUT VOLTAGE (V)
0 15 30 45 60 75 90 105 120 135 150
0
5
10
15
20
25
30
3895 G21
VIN = 12V
BURST MODE OPERATION
DRVSET = 70kΩ
DRVSET = 0V
DRVSET = INTVCC
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
10
20
30
40
50
60
70
80
90
100
3895 G22
FREQ = 0V
FREQ = INTVCC
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
300
350
400
450
500
550
600
3895 G23
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
3895 G24
FREQ = 350kHz
10MΩ BETWEEN BOOST AND SW
150°C
25°C
–55°C
SW VOLTAGE (V)
0 5 10 15 20 25 30 35 40 45 50 55 60 65
0
1
2
3
4
5
6
7
8
9
10
3895 G25
VBOOST = 16V
VSW = 12V
150°C
25°C
–55°C
OPERATING FREQUENCY (kHz)
0 100 200 300 400 500 600 700 800 900 1000
0
10
20
30
40
50
60
70
80
90
100
3895 G26
FREQ = 350kHz
VBOOST - VSW = 7V
150°C
25°C
–55°C
SW VOLTAGE (V)
0 5 10 15 20 25 30 35 40 45 50 55 60 65
0
10
20
30
40
50
60
70
80
90
100
3895 G27
VBOOST - VSW = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com