Electronic Components Datasheet Search
  English  ▼

X  

LTC3810 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3810
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3810 Datasheet HTML 5Page - Linear Technology LTC3810 Datasheet HTML 6Page - Linear Technology LTC3810 Datasheet HTML 7Page - Linear Technology LTC3810 Datasheet HTML 8Page - Linear Technology LTC3810 Datasheet HTML 9Page - Linear Technology LTC3810 Datasheet HTML 10Page - Linear Technology LTC3810 Datasheet HTML 11Page - Linear Technology LTC3810 Datasheet HTML 12Page - Linear Technology LTC3810 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3895
9
3895fa
For more information www.linear.com/LTC3895
pin FuncTions
OVLO (Pin 1): Overvoltage Lockout Input. A voltage on
this pin above 1.2V disables switching of the controller.
TheDRVCCandINTVCCsuppliesmaintainregulationduring
an OVLO event. Exceeding the OVLO threshold triggers a
soft-start reset. If the OVLO function is not used, connect
this pin to GND.
VPRG (Pin 2): Output Voltage Control Pin. This pin sets
the regulator in adjustable output mode using external
feedback resistors or fixed 5V/3.3V output mode. Floating
this pin allows the output to be programmed from 0.8V
to 60V with an external resistor divider on the VFB pin,
regulating VFB to 0.8V. Tying this pin to INTVCC or GND
programs the output to 5V or 3.3V, respectively, through
an internal resistor divider on VFB.
SENSE+ (Pin 3): The (+) Input to the Differential Current
Comparator. The ITH pin voltage and controlled offsets
between the SENSE– and SENSE+ pins in conjunction with
RSENSE set the current trip threshold.
SENSE– (Pin 4): The (–) Input to the Differential Current
Comparator. When SENSE– is greater than INTVCC, the
SENSE– pin supplies power to the current comparator.
SS (Pin 5): Soft-Start Input. The LTC3895 regulates the
VFB voltage to the smaller of 0.8V or the voltage on the
SS pin. An internal 10μA pull-up current source is con-
nected to this pin. A capacitor to ground at this pin sets
the ramp time to final regulated output voltage. The SS
pin is also used for the Regulator Shutdown (REGSD)
feature. A 5μA/1μA pull-down current can be connected
on SS depending on the state of the EXTVCC LDO and the
voltage on SS. See Regulator Shutdown in the Operation
sectionformoreinformation.TodefeattheREGSDfeature,
place a 330k or smaller resistor between INTVCC and SS.
See Soft-Start Pin in the Applications Information section
for more information on defeating REGSD.
VFB (Pin 6): Feedback Input. If the VPRG pin is floating,
the VFB pin receives the remotely sensed feedback volt-
age from an eternal resistor divider across the output. If
VPRG is tied to GND or INTVCC, the VFB pin receives the
remotely sensed output voltage directly.
ITH(Pin7):ErrorAmplifierOutputandSwitchingRegulator
Compensation Point. The current comparator trip point
increases with this control voltage.
MODE (Pin 8): Mode Select and Burst Clamp Adjust In-
put. This input determines how the LTC3895 operates at
light loads. Pulling this pin to ground selects Burst Mode
operation with the burst clamp level defaulting to 25% of
VSENSE(MAX). Tying this pin to a voltage between 0.5V and
1.0V selects Burst Mode operation and adjusts the burst
clamp between 10% and 60%. Tying this pin to INTVCC
forcescontinuousinductorcurrentoperation.Tyingthispin
to a voltage greater than 1.4V and less than INTVCC – 1.3V
selects pulse-skipping operation.
GND (Pins 9, 12, 15, Exposed Pin 39): Ground. All GND
pins must be tied together for operation. The exposed pad
must be soldered to PCB ground for rated electrical and
thermal performance.
CPUMP_EN (Pin 10): Charge Pump Enable Pin for the Top
Gate Driver Boost Supply. Tying this pin to INTVCCenables
the boost supply charge pump and allows for 100% duty
cycle operation in dropout. Tying this pin to GND disables
the charge pump and enables boost refresh, allowing for
99% duty cycle operation in dropout. Do not float this pin.
CLKOUT (Pin 11): Output Clock Signal. This signal is
available to daisy-chain other controller ICs for additional
MOSFET driver stages/phases. The output levels swing
from INTVCC to ground.
PLLIN (Pin 13): External Synchronization Input to Phase
Detector. When an external clock is applied to this pin,
the phase-locked loop will force the rising TG signal to be
synchronized with the rising edge of the external clock. If
the MODE pin is set to Forced Continuous Mode or Burst
Mode operation, then the regulator operates in Forced
Continuous Mode when synchronized. If the MODE pin is
set to pulse-skipping mode, then the regulator operates
in pulse-skipping mode when synchronized.
PGOOD (Pin 14): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on the VFB pin is not
within ±10% of its set point.
NC (Pin 16): No connect. Float this pin or connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com