Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC7800
21
7800f
For more information www.linear.com/LTC7800
APPLICATIONS INFORMATION
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor, CB, connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFET.CapacitorCBintheFunctionalDiagramischarged
though external diode DB from INTVCC when the SW pin
is low. When the topside MOSFET is to be turned on, the
driver places the CB voltage across the gate-source of
the MOSFET. This enhances the top MOSFET switch and
turns it on. The switch node voltage, SW, rises to VIN and
the BOOST pin follows. With the topside MOSFET on, the
boost voltage is above the input supply: VBOOST = VIN +
VINTVCC. The value of the boost capacitor, CB, needs to be
100 times that of the total input capacitance of the top-
side MOSFET(s). The reverse breakdown of the external
Schottky diode must be greater than VIN(MAX).
Fault Conditions: Current Limit and Current Foldback
The LTC7800 includes current foldback to help limit
load current when the output is shorted to ground. If
the output voltage falls below 70% of its nominal output
level, then the maximum sense voltage is progressively
lowered from 100% to 45% of its maximum selected
value. Under short-circuit conditions with very low duty
cycles, the LTC7800 will begin cycle skipping in order to
limit the short-circuit current. In this situation the bottom
MOSFET will be dissipating most of the power but less
than in normal operation. The short-circuit ripple current
is determined by the minimum on-time, tON(MIN), of the
LTC7800 (≈45ns), the input voltage and inductor value:
ΔIL(SC) = tON(MIN)
VIN
L
The resulting average short-circuit current is:
ISC = 45% •ILIM(MAX) –
1
2
ΔIL(SC)
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
muchhigherthannominallevels.Thecrowbarcauseshuge
currents to flow, that blow the fuse to protect against a
shorted top MOSFET if the short occurs while the control-
ler is operating.
A comparator monitors the output for overvoltage condi-
tions. The comparator detects faults greater than 10%
above the nominal output voltage. When this condition
is sensed, the top MOSFET is turned off and the bottom
MOSFET is turned on until the overvoltage condition is
cleared. The bottom MOSFET remains on continuously for
aslongastheovervoltageconditionpersists;ifVOUTreturns
to a safe level, normal operation automatically resumes.
AshortedtopMOSFETwillresultinahighcurrentcondition
which will open the system fuse. The switching regulator
will regulate properly with a leaky top MOSFET by altering
the duty cycle to accommodate the leakage.
Frequency Synchronization and Selection
The LTC7800 has an internal phase-locked loop (PLL)
comprised of a phase frequency detector, a lowpass filter,
and a voltage-controlled oscillator (VCO). This allows the
turn-on of the top MOSFET to be locked to the rising edge
of an external clock signal applied to the PLLIN/MODE pin.
The phase detector is an edge sensitive digital type that
provides zero degrees phase shift between the external
and internal oscillators. This type of phase detector does
not exhibit false lock to harmonics of the external clock.
If the external clock frequency is greater than the inter-
nal oscillator’s frequency, fOSC, then current is sourced
continuously from the phase detector output, pulling up
the VCO input. When the external clock frequency is less
than fOSC, current is sunk continuously, pulling down the
VCO input.
If the external and internal frequencies are the same but
exhibit a phase difference, the current sources turn on for
an amount of time corresponding to the phase difference.
The voltage at the VCO input is adjusted until the phase
and frequency of the internal and external oscillators are
identical. At the stable operating point, the phase detector
output is high impedance and the internal filter capacitor,
CLP, holds the voltage at the VCO input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com