Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 3 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC7800
3
7800f
For more information www.linear.com/LTC7800
The l denotes the specifications which apply over the specified
operating junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, EXTVCC = 0V unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range
4
60
V
VFB
Regulated Feedback Voltage
(Note 4); ITH Voltage = 1.2V
–40°C to 85°C
LTC7800E, LTC7800I
LTC7800H
l
l
0.792
0.788
0.786
0.800
0.800
0.800
0.808
0.812
0.812
V
V
V
IFB
Feedback Current
(Note 4)
±5
±50
nA
VREFLNREG
Reference Voltage Line Regulation
(Note 4); VIN = 4.5V to 60V
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4)
Measured in Servo Loop;
∆ITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm
Transconductance Amplifier gm
(Note 4); ITH = 1.2V; Sink/Source 5µA
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse Skip or Forced Continuous Mode
VFB = 0.83V (No Load)
2
mA
Sleep Mode
VFB = 0.83V (No Load)
50
75
µA
Shutdown
RUN = 0V
14
25
µA
UVLO
Undervoltage Lockout
INTVCC Ramping Up
INTVCC Ramping Down
l
l
3.6
3.92
3.80
4.2
4.0
V
V
VOVL
Feedback Overvoltage Protection
Measured at VFB Relative to Regulated VFB
7
10
13
%
ISENSE+
SENSE+ Pin Current
±1
µA
ISENSE–
SENSE– Pins Current
VSENSE– < INTVCC – 0.5V
VSENSE– > INTVCC + 0.5V
700
±2
µA
µA
DFMAX
Maximum Duty Factor
In Dropout; VFREQ = 0V
97
98
%
ITRACK/SS
Soft-Start Charge Current
VTRACK/SS = 0V
7
10
14
µA
VRUN On
RUN Pin On Threshold
VRUN Rising
l
1.15
1.21
1.27
V
VRUN Hyst
RUN Pin Hysteresis
50
mV
VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 0.7V, VSENSE– = 3.3V, ILIM = 0V
VFB = 0.7V, VSENSE– = 3.3V, ILIM = INTVCC
VFB = 0.7V, VSENSE– = 3.3V, ILIM = FLOAT
l
l
l
22
43
64
30
50
75
36
57
85
mV
mV
mV
Gate Driver
TG
Pull-Up On-Resistance
Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG
Pull-Up On-Resistance
Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG tr
TG tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG tr
BG tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
13
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF
20
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com