Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 29 Page - Linear Technology

Part # LT3790
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT3790 Datasheet HTML 25Page - Linear Technology LT3790 Datasheet HTML 26Page - Linear Technology LT3790 Datasheet HTML 27Page - Linear Technology LT3790 Datasheet HTML 28Page - Linear Technology LT3790 Datasheet HTML 29Page - Linear Technology LT3790 Datasheet HTML 30Page - Linear Technology LT3790 Datasheet HTML 31Page - Linear Technology LT3790 Datasheet HTML 32Page - Linear Technology LT3790 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LTC7812
29
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC7812 is approximately
95ns for the buck and 120ns for the boost. However, as
the peak sense voltage decreases the minimum on-time
gradually increases up to about 130ns. This is of particu-
lar concern in forced continuous applications with low
ripple current at light loads. If the duty cycle drops below
the minimum on-time limit in this situation, a significant
amount of cycle skipping can occur with correspondingly
larger current and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC7812 circuits: 1) IC VBIAS current, 2) INTVCC
regulator current, 3) I2R losses, 4) Topside MOSFET
transition losses.
1. The VBIAS current is the DC supply current given in the
Electrical Characteristics table, which excludes MOS-
FET driver and control currents. VBIAS current typically
results in a small (<0.1%) loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge, dQ, moves
from INTVCCto ground. The resulting dQ/dt is a current
out of INTVCC that is typically much larger than the
control circuit current. In continuous mode, IGATECHG
= f(QT + QB), where QT and QB are the gate charges of
the topside and bottom side MOSFETs.
SupplyingINTVCCfromanoutput-derivedsourcepower
through EXTVCC will scale the VIN current required for
thedriverandcontrolcircuitsbyafactorof(DutyCycle)/
(Efficiency). For example, in a 20V to 5V application,
10mAofINTVCCcurrentresultsinapproximately2.5mA
of VIN current. This reduces the mid-current loss from
10% or more (if the driver was powered directly from
VIN) to only a few percent.
3. I2R losses are predicted from the DC resistances of the
fuse (if used), MOSFET, inductor, current sense resis-
tor, and input and output capacitor ESR. In continuous
mode the average output current flows through L and
RSENSE, but is “chopped” between the topside MOSFET
andthesynchronousMOSFET.IfthetwoMOSFETshave
approximately the same RDS(ON), then the resistance
of one MOSFET can simply be summed with the resis-
tances of L, RSENSE and ESR to obtain I2R losses. For
example, if each RDS(ON) = 30mΩ, RL = 50mΩ, RSENSE
= 10mΩ and RESR = 40mΩ (sum of both input and
output capacitance losses), then the total resistance
is 130mΩ. This results in losses ranging from 3% to
13% as the output current increases from 1A to 5A for
a 5V output, or a 4% to 20% loss for a 3.3V output.
Efficiency varies as the inverse square of VOUT for the
same external components and output power level. The
combined effects of increasingly lower output voltages
andhighercurrentsrequiredbyhighperformancedigital
systemsisnotdoublingbutquadruplingtheimportance
of loss terms in the switching regulator system!
4. Transition losses apply only to the top MOSFET(s) (bot-
tomMOSFETfortheboost),andbecomesignificantonly
when operating at high input voltages (typically 15V or
greater). Transition losses can be estimated from:
Transition Loss = (1.7)VIN2 • IO(MAX) • CRSS • f
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5%
to 10% efficiency degradation in portable systems. It is
very important to include these “system” level losses
during the design phase. The internal battery and fuse
resistance losses can be minimized by making sure that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com