Electronic Components Datasheet Search
  English  ▼

X  

LT3790 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3790
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3790 Datasheet(HTML) 3 Page - Linear Technology

  LT3790 Datasheet HTML 1Page - Linear Technology LT3790 Datasheet HTML 2Page - Linear Technology LT3790 Datasheet HTML 3Page - Linear Technology LT3790 Datasheet HTML 4Page - Linear Technology LT3790 Datasheet HTML 5Page - Linear Technology LT3790 Datasheet HTML 6Page - Linear Technology LT3790 Datasheet HTML 7Page - Linear Technology LT3790 Datasheet HTML 8Page - Linear Technology LT3790 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC7812
3
7812fc
For more information www.linear.com/LTC7812
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBIAS
Bias Input Supply Operating Voltage
Range
4.5
38
V
VOUT1
Buck Regulated Output Voltage Set Point
(SENSE1 Pins Common Mode Range)
0.8
24
V
VOUT2
Boost Regulated Output Voltage Set Point
60
V
SENSE2 Pins Common Mode Range
(BOOST Converter Input Supply Voltage)
2.5
38
V
VFB1
Buck Regulated Feedback Voltage
(Note 4); ITH1 Voltage = 1.2V
0°C to 85°C, All Grades
LTC7812E, LTC7812I
LTC7812H
l
l
0.792
0.788
0.786
0.800
0.800
0.800
0.808
0.812
0.812
V
V
V
VFB2
Boost Regulated Feedback Voltage
(Note 4); ITH2 Voltage = 1.2V
0°C to 85°C, All Grades
LTC7812E, LTC7812I
LTC7812H
l
l
1.183
1.181
1.176
1.200
1.200
1.200
1.214
1.218
1.218
V
V
V
IFB1,2
Feedback Current
(Note 4)
–2
±50
nA
Reference Voltage Line Regulation
(Note 4); VIN = 4.5V to 38V
0.002
0.02
%/V
Output Voltage Load Regulation (Note 4) Measured in Servo Loop;
DITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
Measured in Servo Loop;
DITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2
Transconductance Amplifier gm
(Note 4); ITH1,2 = 1.2V;
Sink/Source 5µA
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse-Skipping or
Forced Continuous Mode
(One Channel On)
RUN1 = 5V and RUN2 = 0V or
RUN2 = 5V and RUN1 = 0V
VFB1 ON = 0.83V (No Load)
VFB2 = 1.25V (No Load)
1.5
mA
Pulse-Skipping or
Forced Continuous Mode
(Both Channels On)
RUN1,2 = 5V,
VFB1 = 0.83V (No Load)
VFB2 = 1.25V (No Load)
3
mA
Sleep Mode
(One Channel On, Buck)
RUN1 = 5V and RUN2 = 0V
VFB1 = 0.83V (No Load)
l
28
48
µA
Sleep Mode
(One Channel On, Boost)
RUN2 = 5V and RUN1 = 0V
VFB2 = 1.25V (No Load)
33
53
µA
Sleep Mode
(Both Channels On)
RUN1,2 = 5V
VFB1 = 0.83V (No Load)
VFB2 = 1.25V (No Load)
33
46
µA
Shutdown
RUN1,2 = 0V
10
20
µA
UVLO
Undervoltage Lockout
INTVCC Ramping Up
l
4.15
4.5
V
INTVCC Ramping Down
l
3.5
3.8
4.0
V
Buck Feedback Overvoltage Protection
Measured at VFB1 Relative to
Regulated VFB1
7
10
13
%
SENSE1+ Pin Current
±1
µA
SENSE2+ Pin Current
170
µA
SENSE1– Pin Current
VOUT1 < VINTVCC – 0.5V
VOUT1 > VINTVCC + 0.5V
700
±2
µA
µA
SENSE2– Pin Current
VSENSE2+, VSENSE2– = 12V
±1
µA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VBIAS = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise
noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com