Electronic Components Datasheet Search
  English  ▼

X  

LM2432 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2432
Description  220V Monolithic Single Channel 37 MHz HDTV CRT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2432 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2432 Datasheet HTML 1Page - National Semiconductor (TI) LM2432 Datasheet HTML 2Page - National Semiconductor (TI) LM2432 Datasheet HTML 3Page - National Semiconductor (TI) LM2432 Datasheet HTML 4Page - National Semiconductor (TI) LM2432 Datasheet HTML 5Page - National Semiconductor (TI) LM2432 Datasheet HTML 6Page - National Semiconductor (TI) LM2432 Datasheet HTML 7Page - National Semiconductor (TI) LM2432 Datasheet HTML 8Page - National Semiconductor (TI) LM2432 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+250V
Bias Voltage (V
BB)
+16V
Input Voltage (V
IN)
-0.5V to V
BB+0.5V
IK Voltage (V
IK)
-0.5V to +16V
Storage Temperature Range (T
STG)
-65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance,
Human Body Model
2 kV
Machine Model
200V
Junction Temperature
150˚C
θ
JC (typ)
4.5˚C/W
Operating Ranges (Note 2)
V
CC
+130V to +230V
V
BB
+7V to +13V
V
IN
0V to +4.25V
V
IK
0V to V
BB+1V
V
OUT
+40V to V
CC–5V
Case Temperature
See Figure 11. Derate power for
T
C above 110˚C.
Do not operate the part without a heat sink.
Electrical Characteristics (See Figure 3 for Test Circuit)
Unless otherwise noted: V
CC = +220V, VBB = +12V, CL = 10 pF, TC = 40˚C.
DC Tests: V
IN = 2.75VDC
AC Tests: Output = 110V
PP (80V - 190V) at 1 MHz
Symbol
Parameter
Conditions
LM2432
Units
Min
Typical
Max
I
CC
Supply Current
No AC Input Signal, No Output Load
12
17
mA
I
BB
Bias Current
811
mA
V
OUT, 1
DC Output Voltage
No AC Input Signal, V
IN = 2.75VDC
121
126
131
V
DC
V
OUT, 2
DC Output Voltage
No AC Input Signal, V
IN = 1.25VDC
199
204
209
V
DC
A
V
DC Voltage Gain
No AC Input Signal
–50
–53
–56
LE
Linearity Error
(Note 4), No AC Input Signal
5
%
t
R
Rise Time
(Note 5), 10% to 90%
10
ns
+OS
Overshoot
(Note 5)
21
%
t
F
Fall Time
(Note 5), 90% to 10%
8
ns
–OS
Overshoot
(Note 5)
8
%
IK
ERROR
IK Current Output Error
(Notes 6, 7)
–37
0
+37
µA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may change when the device is not operated under the listed test
conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Linearity Error is the variation in DC gain from VIN = 1.15V to VIN = 4.35V.
Note 5: Input from signal generator: tr,tf < 2 ns. Slower inputs to the LM2432 will change the transient response characteristics and reduce power dissipation.
Note 6: IKERROR =IK –IOUT, where IK is the IK current output from pin 5 (IK) and IOUT is the cathode current into pin 2 (VOUT). IK is calculated by measuring VIK
across a known resistor value between pin 5 and GND.
Note 7: Refer to the RGB Video Processor data sheet for IK leakage compensation, feedback operation, and adjustment range information.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com